PART |
Description |
Maker |
NAND01G-A NAND01GW3A NAND01GW3A0AN6 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMicroelectronics
|
M58PR512LE M58PR512LE96ZB5 M58PR256LE96ZB5 M58PR00 |
256-Mbit, 512-Mbit or 1-Gbit (】 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
|
STMicroelectronics
|
IDT72V3642L10PF IDT72V3642L10PQF IDT72V3632 IDT72V |
TV 100C 100#22D SKT PLUG 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 3.3伏的CMOS SyncBiFIFO 256 × 36 × 2 512 × 36 × 2 1024 × 36 × 2 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 256 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP120 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 256 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP132
|
Integrated Device Technology, Inc.
|
M29W400DB55N1 M29W400DB55N1E M29W400DB55N1F M29W40 |
4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
|
STMicroelectronics
|
M29W400DB55N1 M29W400DB55N1E M29W400DB55N1F M29W40 |
4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
|
Numonyx B.V
|
7C420-65 7C433-65 7C425-20 7C425-65 7C425-40 7C425 |
256/512/1K/2K/4K x 9 Asynchronous FIFO 256/512/1K/2K/4K × 9异步FIFO 256/512/1K/2K/4K x 9 Asynchronous FIFO 4K X 9 OTHER FIFO, 40 ns, PDIP28 256/512/1K/2K/4K x 9 Asynchronous FIFO 2K X 9 OTHER FIFO, 65 ns, PQCC32
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT72210 IDT72210L12TC IDT72210L12TCB IDT72210L12T |
CMOS SyncFIFOO 64 x 8 256 x 8 512 x 8 1024 x 8 2048 x 8 and 4096 x 8 Dual High Output Current Operational Amplifier 8-SOIC -40 to 85 Current-Mode PWM Controller 8-PDIP 0 to 70 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 的CMOS SyncFIFOO 64 × 856 × 812 × 8024 × 8048 × 8096 × 8 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 1K X 8 OTHER FIFO, 25 ns, CDIP28 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 2K X 8 OTHER FIFO, 25 ns, CDIP28 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 4K X 8 OTHER FIFO, 25 ns, CDIP28 High-Performance Current-Mode PWM Controller 14-SOIC 0 to 70 64 X 8 OTHER FIFO, 12 ns, CDIP28 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 256 X 8 OTHER FIFO, 10 ns, CDIP28 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 1K X 8 OTHER FIFO, PDIP28 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 512 X 8 OTHER FIFO, 10 ns, CDIP28 CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8 的CMOS SyncFIFOO 64 × 8256 × 812 × 81024 × 8048 × 8096 × 8 Dual High Output Current Operational Amplifier 8-PDIP -40 to 85
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
CY7C4215-35JC CY7C4225-10ASC CY7C4225-10AI CY7C422 |
64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 4K X 18 OTHER FIFO, 11 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 2K X 18 OTHER FIFO, 15 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 512 X 18 OTHER FIFO, 8 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 4K X 18 OTHER FIFO, 15 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 256 X 18 OTHER FIFO, 10 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 256 X 18 OTHER FIFO, 8 ns, PQCC68 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 1K X 18 OTHER FIFO, 8 ns, PQFP64 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Female SERIAL DTE CABLE WITH DB9 FEMALE CONNECTOR Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:14-5 OSC 5V SMT 7X5 CMOS PROGRM SERVSWITCH AFFINITY SERIADTE CABLE DB9F-10FT
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
M39P0R1080E4ZASE M39P0R1080E4ZASF M39P0R9080E4 M39 |
512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package 512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package
|
Numonyx B.V
|
SST39VF512 SST39VF512-70-4C-NH SST39VF010 SST39VF0 |
512 Kbit/1 Mbit (x8) multi-purpose flash From old datasheet system (SST39VFxxx / SST39LFxxx) 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash x8 Flash EEPROM
|
SST[Silicon Storage Technology Inc] SST[Silicon Storage Technology, Inc]
|
CY7C4205-10AXCT CY7C4205-35AI CY7C4245-10AXCT CY7C |
64/256/512/1K/2K/4K x 18 Synchronous FIFOs 256 X 18 OTHER FIFO, 8 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 256 X 18 OTHER FIFO, 20 ns, PQFP64 64/256/512/1K/2K/4K x 18 Synchronous FIFOs 4K X 18 OTHER FIFO, 8 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 256 X 18 OTHER FIFO, 20 ns, PQCC68
|
Cypress Semiconductor, Corp.
|
|