PART |
Description |
Maker |
AKD5381 AK5381ET AK5381VT |
24Bit 96kHz 楼?楼? ADC 24Bit 96kHz ΔΣ ADC 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16
|
Asahi Kasei Microsystems
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
EL5196CW-T7 EL5196C EL5196CS-T13 EL5196CS-T7 EL519 |
Replaced by PCM3052A : 24-bit Stereo Audo Codec with Mic amp, Bias, MUX and PGA 32-VQFN 00MHz的固定增益放大器 24-bit Stereo Audio Codec 96kHz (ADC) 192 kHz (DAC) with Single-Ended Analog Input/Output 24-SSOP -25 to 85 Single 400MHz Fixed Gain Amplifier
|
Electronic Theatre Controls, Inc. ELANTEC[Elantec Semiconductor]
|
AK4393 AK4393VF |
ADVANCED MULTI-BIT 96KHZ 24-BIT DAC 先进的多6kHz4位DAC
|
Asahi Kasei Microsystems Co.,Ltd Asahi Kasei Microsystems Co., Ltd.
|
AK4363 |
96KHz 24 Bit ΔΣ DAC with PLL(带锁相环的采样速度96KHz4位立体声 ΔΣ D/A转换
|
Asahi Kasei Microsystems Co.,Ltd
|
AK439303 |
Advanced Multi-Bit 96kHz 24-Bit ツヒ DAC
|
Asahi Kasei Microsystems
|
WM8775SEDS_R WM8775_06 WM8775 WM8775SEDS |
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
|
WOLFSON[Wolfson Microelectronics plc]
|
AK5384 AK5384VF AKD5384 |
107 DB 24 BIT 96KHZ 4 CHANNEL ADC
|
AKM[Asahi Kasei Microsystems]
|
WM877506 WM8775SEDS/R |
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
|
Wolfson Microelectronics plc
|
AK5365 |
24-BIT 96KHZ ADC WITH SELETOR/PGA/ALCl
|
Asahi Kasei Microsystems Co.,Ltd
|
LPC2387FBD100551 LPC2387FBD100 |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC; Package: SOT407-1 (LQFP100); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
NXP Semiconductors N.V.
|