PART |
Description |
Maker |
AT91RM9200-EK |
AT91RM9200-EK Evaluation Board User Guide
|
ATMEL Corporation
|
MCP18480 |
The MCP18480 is a –48V Hot Swap Controller with fully configurable features. This Hot Swap Controller have OVLO, UVLO protection features on top of Foldback Current Limiting and Circuit Breaker features. Although ideally suited optic -48V Hot Swap Controller
|
MICROCHIP[Microchip Technology]
|
12H1601-2R 24H1601-2R 48H1601-2R 24H2320-2 48H3040 |
50WattDC-DCConverters Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:3; Features:Aluminium Foil/Polyester Tape; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:5; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:4; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:5; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:4; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes CAP, 100PF 50V 10% X7R, 0603 SMD,CAP,CERA,0.01UF,0603 50V, X7R, 10% Paired, Cable, Number Of Pairs 2 RoHS Compliant: Yes 50瓦的DC - DC转换 50 Watt DC-DC Converters 50瓦的DC - DC转换 Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Unshielded; Impedance:72ohm; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
|
http:// POWER-ONE[Power-One] Jameco Electronics
|
DS-222 MDS-222PIN |
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
|
Tyco Electronics
|
MJL3281A MJL1302 MJL1302A MJL3281 |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
|
MOTOROLA[Motorola, Inc]
|
SPD4947SM |
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
|
Solid States Devices, I...
|
BAV21W |
SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere
|
Rectron Semiconductor
|
SPD4948SM SPD4942SM SPD4943SM SPD4944SM SPD4945SM |
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
SC202 SC202H100A5 SC202SXXXA5 |
Schottky Die 200 x 200 Mils
|
International Rectifier
|
LCM-5423-02A LCM-5423-22A |
640 x 200 dots 1/200 duty
|
List of Unclassifed Manufacturers
|