PART |
Description |
Maker |
AT24C01A |
2-wire Automotive Serial EEPROM 1K (128 x 8) 2K (256 x 8) 4K (512 x 8) 8K (1024 x 8) 16K (2048 x 8)
|
Atmel Corporation
|
HYI25D512160CT-5 HYI25D512160CT-6 HYI25D512160CC-5 |
512-Mbit Double-Data-Rate SDRAM
|
Qimonda AG
|
HYB25D512160BTL-6 HYB25D512800BC-5 HYB25D512800BC- |
512-Mbit Double-Data-Rate SDRAM
|
Qimonda AG
|
HYI25DC512800CE-5 HYI25DC512800CE-6 |
512-Mbit Double-Data-Rate SDRAM
|
Qimonda AG
|
HYB18T512160B2F-2.5 HYB18T512160B2F-25F HYB18T5121 |
512-Mbit Double-Data-Rate-Two SDRAM
|
Qimonda AG
|
HYB25DC512160CE-5 HYB25DC512160CE-6 HYB25DC512160C |
512-Mbit Double-Data-Rate SDRAM
|
Qimonda AG
|
HEDL-6442-AP01 HEDL-6442-AP02 HEDL-6402-AP01 HEDL- |
Optical Incremental Housed Encoders 光电编码器增量外 IND 3.3UH SMD 10% SHLD Inductor; Inductor Type:Power; Inductance:10uH; Inductance Tolerance: /- 10 %; Current Rating:279mA; Series:ISC; Package/Case:1812; Core Material:Powdered Iron; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes HEDL-6442-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6402-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6402-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6443-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6402-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6442-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6443-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
MT89L86 |
512 x 256 Channels 3.3 V Multiple Rate Digital Switch (MRDX) with Constant Delay Mode
|
Zarlink Semiconductor
|
LH28F800BGH-L LH28F800BGR-TL85 LH28F800BGR-TL12 LH |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 1800uF; Voltage: 4V; Case Size: 8x12 mm; Packaging: Bulk 8 M位(512 KB的16)SmartVoltage闪存 RES CURRENT SENSE .025 OHM 1W 1% 8 M位(512 KB的16)SmartVoltage闪存 8 M-bit (512 kB x 16) SmartVoltage Flash Memories 8 M位(512 KB的16)SmartVoltage闪存
|
http:// Sharp, Corp. Sharp Corporation Sharp Electrionic Compo...
|
IDT72V845L20PFI IDT72V845L20PF IDT72V845L15PFI IDT |
4K x 18 DualSync FIFO, 3.3V 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 From old datasheet system 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18 DUAL 512 x 18 DUAL 1024 x 18 DUAL 2048 x 18 2K x 18 DualSync FIFO, 3.3V 256 x 18 DualSync FIFO, 3.3V
|
IDT[Integrated Device Technology]
|
SRI2K SRI2K-SBN18/1GE |
2048-bit ISO14443-B contactless memory with 2 binary counters and anti-collision 13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
|
ST Microelectronics STMicroelectronics
|