PART |
Description |
Maker |
AMMC-5040 |
AMMC-5040 · 20-40 GHz GaAs Amplifier
|
Agilent (Hewlett-Packard)
|
AMMC-6220 |
AMMC-6220 · 6-20 GHz Low Noise Amplifier
|
Agilent (Hewlett-Packard)
|
AMMC-3041 |
AMMC-3041 · 18-42 GHz Double Balanced Mixer
|
Agilent (Hewlett-Packard)
|
HSMS-C120 HSMA-C120 HSMH-C120 HSMG-C120 HSMN-C120 |
HSMS-C120 · Right Angle ChipLED HSMA-C120 · This series of right angle mount ChipLEDs is designed with the smallest footprint to achieve high de HSMH-C120 · Right Angle ChipLED HSMG-C120 · Right Angle ChipLED HSMN-C120 · Right Angle ChipLED HSMM-C120 · Right Angle ChipLED HSMC-C120 · Right Angle ChipLED HSMD-C120 · Right Angle ChipLED HSME-C120 · Right Angle ChipLED HSML-C120 · Right Angle ChipLED HSMQ-C120 · Right Angle ChipLED HSMR-C120 · Right Angle ChipLED
|
Agilent (Hewlett-Packard)
|
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
VTO-0995 VTO-1070 |
10.754GHz Voltage Controlled Oscillator 10.754GHz压控振荡 VTO-0995 · 9.953 GHz Voltage Controlled Oscillator VTO-1070 · 10.754 GHz Voltage Controlled Oscillator
|
Mini-Circuits Agilent (Hewlett-Packard)
|
HSMJ-A401-T40M1 HSMJ-A401-U40M1 HSME-A401-P4PM1 HS |
SINGLE COLOR LED, RED ORANGE HSMC-A401-T40M1 · Surface Mount LED Indicator HSMK-A401-R40M2 · Surface Mount LED Indicator HSMA-A401-U20M1 · Surface Mount LED Indicator HSMC-A401-T80M1 · Surface Mount LED Indicator HSMM-A401-S7YM2 · Surface Mount LED Indicator HSMM-A401-S4YM2 · Surface Mount LED Indicator HSML-A401-U40M1 · Surface Mount LED Indicator HSMA-A401-U45M1 · Surface Mount LED Indicator HSMC-A400-S30M1 · Surface Mount LED Indicator HSMM-A400-T8YM2 · Surface Mount LED Indicator HSMK-A400-T80M2 · Surface Mount LED Indicator HSMM-A400-U4WM2 · Surface Mount LED Indicator HSMA-A400-T35M1 · Surface Mount LED Indicator HSMZ-A400-V30M1 · Surface Mount LED Indicator HSMV-A400-U80M1 · Surface Mount LED Indicator HSMZ-A400-U80M1 · Surface Mount LED Indicator HSMU-A400-U85M1 · Surface Mount LED Indicator HSMC-A401-T60M1 · Surface Mount LED Indicator HSMN-A400-Q8QM2 · Surface Mount LED Indicator HSMN-A400-R8PM2 · Surface Mount LED Indicator HSMN-A401-P7QM2 · Surface Mount LED Indicator HSMN-A401-P4QM2 · Surface Mount LED Indicator HSME-A401-P4PM1 · Surface Mount LED Indicator HSMJ-A401-U40M1 · Surface Mount LED Indicator HSMJ-A401-T40M1 · Surface Mount LED Indicator
|
AGILENT TECHNOLOGIES INC Agilent (Hewlett-Packard)
|
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
ATF-541M4-TR2 ATF-541M4 ATF-541M4-BLK ATF-541M4-TR |
ATF-541M4 · Single Voltage E-pHEMT Low Noise 36 dBm OIP3 in MiniPak DEMO-ATF-5X1M4A · Demonstration circuit board for ATF-541M4 and ATF-551M4 (2 GHz) Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|