PART |
Description |
Maker |
HIP4080A04 HIP4080AIBZ HIP4080AIPZ HIP4080AIP HIP4 |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDIP20 80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Input Comparators; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 Driver, Full Bridge FET, Complementry N-Channel Outputs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
A3986SLD-T A3986SLDTR-T A3986 |
FULL BRDG BASED MOSFET DRIVER, PDSO38 Dual Full-Bridge MOSFET Driver with Microstepping Translator
|
Allegro MicroSystems
|
NSTM515AS |
120mW; 5V; 30mA nichia full clor LED From old datasheet system SPECIFICATIONS FOR NICHIA FULL COLOR LED
|
NICHIA CORPORATION ETC[ETC] List of Unclassifed Manufacturers
|
HIP4081 HIP4081IP |
2.6 A FULL BRDG BASED MOSFET DRIVER, PDIP20 Driver, Full Bridge FET, High Frequency, 80V/2.5A Peak, Independent 4 N-Channel FET Driver
|
INTERSIL CORP
|
SC3AS4 SC3AS2 SC3AS1 SC3AS05 SC3AS6 |
Standard Recovery 3-Phase Full Wave Bridge Rectifier(????靛?600V锛??澹虫俯搴?5???骞冲??存??垫?130A锛?????澶??3?稿?娉㈡ˉ?存??? STANDARD RECOVERY 3-PHASE FULL WAVE BRIDGE RECTIFIERS Standard Recovery 3-Phase Full Wave Bridge Rectifier(反向电压400V,管壳温55℃时平均整流电流130A,标准恢复,3相全波桥整流
|
Semtech Corporation
|
HIP4082IBZT |
80V/1.25A Peak Current Full Bridge FET Driver; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO16
|
Intersil, Corp.
|
APTGT50H120T3 |
Full Bridge - IGBT Full - Bridge Trench IGBT Power Module
|
Advanced Power Technology
|
HMAA2705V HMA121 HMA121A HMA121AR1 HMA121AR1V HMA1 |
4-pin Full Pitch MFP Phototransistor Output Optocoupler 4-Pin Full Pitch MFP AC Input Phototransistor Output Optocoupler CAP 10U 20-20 35DC AE RL FERRITE BEAD 50 OHM 1206 1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
ADM3491 ADM3491AR ADM3491AN ADM3491ARU |
3.3 V/ Full Duplex/ 840 uA 20 Mbps/ EIA RS-485 Transceiver 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:90V; Continuous Drain Current, Id:0.86A; On-Resistance, Rds(on):4ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-205AD; Drain-Source Breakdown Voltage:90V RoHS Compliant: No 3.3V, Full Duplex, 840uA, 20Mbps, EIA RS-485 Transceiver
|
Analog Devices, Inc.
|
A3971SLB 3971 |
Dual DMOS Full-Bridge PWM Driver(用于直流电机,步进电机的双DMOS全桥脉宽调制驱动器(工作电压50V,每个桥负载电流容量±2.5A)) DUAL DMOS FULL-BRIDGE DRIVER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|