PART |
Description |
Maker |
SMCG43A SMCJ75 SMCJ58A |
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
|
MICROSEMI[Microsemi Corporation]
|
SMLJ6.5 SMLJ7.5A SMLJ6.0A SMLJ6.5A SMLJ8.0 SMLJ8.5 |
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 740740201 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Micro Commercial Components Corp. Micro Commercial Components, Corp. Micro Commercial Compon...
|
JANTX1N4102UR JANTX1N4102UR-1 JANTX1N4102URTR-1 JA |
Zener Voltage Regulator Diode Remote 16-Bit I2C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-SOIC -40 to 85 MOSFET Driver IC; MOSFET Driver Type:Dual Drivers, Low Side Inverting; Peak Output High Current, Ioh:2A; Rise Time:20ns; Fall Time:20ns; Load Capacitance:1000pF; Package/Case:8-SOIC; Number of Drivers:2; Supply Voltage Max:16.5V 500V N-Channel C-FET (FRFET) MOSFET Driver IC; MOSFET Driver Type:Dual Drivers, Low Side Inverting; Peak Output High Current, Ioh:2A; Rise Time:20ns; Fall Time, tf:20ns; Load Capacitance:1000pF; Package/Case:8-MSOP; No. of Drivers:2; Supply Voltage Max:16.5V RoHS Compliant: Yes CAP 1500PF 50V 10% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR 4-Channel I2C And SMBus Multiplexer With Interrupt Logic And Reset Functions 20-TVSOP -40 to 85 Low-power dual supply translating transeiver; 3-state CAP 22PF 25V 20% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR CAP 22PF 25V 10% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR CAP 1200PF 100V 5% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 22PF 10V 5% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR CAP 0.22UF 16V 10% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR THYRISTOR MODULE, 18A 800VTHYRISTOR MODULE, 18A 800V; Voltage, Vrrm:800V; Current, It av:18A; Case style:SEMIPACK 1; Current, It rms:42A; Current, Itsm:320A; Voltage, Vgt:3.0V; Current, Igt:150mA; Centres, fixing:80mm; Depth, Remote 16-Bit I2C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-TVSOP -40 to 85 4-Channel I2C And SMBus Multiplexer With Reset Functions 16-VQFN -40 to 85 Remote 16-Bit I<sup>2</sup>C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-SSOP/QSOP -40 to 85 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Remote 16-Bit I<sup>2</sup>C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-SSOP -40 to 85 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA CAP 33PF 25V 5% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR 玻璃表面贴装0.5瓦齐纳基准源 CAP 27PF 50V /-0.5PF NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR 玻璃表面贴装0.5瓦齐纳基准源 RES .22 OHM 1/8W 1% 0805 SMD 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 91 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 玻璃表面贴装0.5瓦齐纳基准源 GLASS SURFACE MOUNT 0.5 WATT ZENERS 30 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 2.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 14 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 39 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 51 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA 4-Channel I<sup>2</sup>C And SMBus Multiplexer With Reset Functions 16-VQFN -40 to 85 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 87 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 68 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA CAP 3.0PF 50V /-0.5PF NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR 玻璃表面贴装0.5瓦齐纳基准源 GLASS SURFACE MOUNT 0.5 WATT ZENERS 47 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 60 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 19 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 17 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low-power dual 2-input NAND Schmitt trigger 低功耗双2输入与非门施密特触发 GLASS SURFACE MOUNT 0.5 WATT ZENERS 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 62 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 28 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA CAP,CHIP,270PF,1%,50V,COG,0603,SMD 玻璃表面贴装0.5瓦齐纳基准源 GLASS SURFACE MOUNT 0.5 WATT ZENERS 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 5.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. Bel Fuse, Inc. MICROSEMI CORP-SCOTTSDALE
|
3KPJ17C 3KP10 3KP100 3KP100A 3KP100C 3KP100CA 3KP1 |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts 玻璃钝化结瞬态电压抑制器3000瓦峰值功率电 5.0220伏特 CABLE ASSEMBLY; SMA MALE TO SMA MALE; 26.5 GHz CABLE; 18" CABLE LENGTH 玻璃钝化结瞬态电压抑制器3000瓦峰值功率电 5.020伏特 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, P-600, 2 PIN GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts 玻璃钝化结瞬态电压抑制器3000瓦峰值功率电 5.020伏特
|
缇?附寰??瀵间??????? Lite-On Semiconductor, Corp. Littelfuse, Inc. Formosa Microsemi Co., Ltd. 美丽微半导体有限公司 FORMOSA[Formosa MS] http://
|
8J102-H-5 8J203-H 8J302-H 8J302-H-5 8J303-H-5 8J10 |
RESISTOR, TEMPERATURE DEPENDENT, NTC, 1000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 20000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 3000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 30000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 10000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 15000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 2000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 500 ohm, SURFACE MOUNT
|
Vishay Intertechnology, Inc.
|
HFR-RFK72LF-C250OHMF HFR-RFH52LF-C100OHMF HFR-RFH5 |
0 MHz - 3000 MHz 800 ohm RF/MICROWAVE TERMINATION High Frequency Surface Mount Terminators 0 MHz - 3000 MHz 100 ohm RF/MICROWAVE TERMINATION
|
IRC - a TT electronics Company. INTERNATIONAL RESISTIVE CO INC
|
3SMC160CA |
SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS 5.0 THRU 170 VOLTS
|
Central Semiconductor
|
3.0SMCJSERIES14 30SMCJ100A 30SMCJ10A 30SMCJ110 30S |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
|
Pan Jit International Inc. Pan Jit International I...
|
060120A25 |
OUTLINE SURFACE MOUNT 10 WATT
|
Anaren Microwave
|
3SMC51A 3SMC30A 3SMC48A 3SMC110A 3SMC36A 3SMC20A 3 |
SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS 5.0 THRU 170 VOLTS SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
3SMC33A |
SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
|
Central Semiconductor C...
|
3KP190 3KP220 3KP10 |
Transient Voltage Suppressors SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
|
PanJit International, Inc. Pan Jit International I...
|
|