PART |
Description |
Maker |
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
BUT11/B BUT11A/B |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 双极晶体管HOCHSPANNUNG
|
NXP Semiconductors N.V.
|
STM8AH5178 STM8AH6179 STM8AH6199 |
Automotive 8-bit MCU
|
STMicroelectronics
|
UC3826N UC1826QTR |
Rad-hard 8 bit SIPO shift register Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V 模拟IC
|
STMicroelectronics N.V.
|
UAA2067GB-S |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 收发器电路电
|
NXP Semiconductors N.V.
|
STM8AQ6X23TAY STM8AQ6X26TAY STM8AQ6X27TAY STM8AQ6X |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
|
STMicroelectronics
|
ST72215GX-AUTO ST72216GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
C8051F531A C8051F531A-IM C8051F531A-IT |
25 MIPS, 8 kB Flash, 12-Bit ADC, 20-Pin Automotive MCU
|
Silicon Laboratories
|
SPC560P44L3CEFAY SPC560P44L5CEFAY SPC560P50L3BEFAY |
32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
|
ST Microelectronics
|
STM8AF62A6 STM8AF62A6UCY STM8AF62A8 STM8AF62A8TCX |
Automotive LIN line 8-bit MCU with 128 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive CAN and LIN line 8-bit MCU with 64 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive CAN and LIN line 8-bit MCU with 128 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 64 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive CAN and LIN line 8-bit MCU with 32 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 32 Kbytes Flash, 24 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
STM8AF5269 STM8AF528A STM8AF5268 STM8AF526X STM8AF |
Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
|