PART |
Description |
Maker |
F50A |
RECTIFIER, up to 6kV, 100mA, 300ns
|
Semtech Corporation
|
SB01W05C |
50V, 100mA Rectifier Shottky Barrier Diode (Twin Type Cathode Common) Small signal(twin type) 50V 100mA Rectifier 50V/ 100mA Rectifier
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
DS1000 DS1000-75 DS1000-250 DS1000-60 DS1000-100 D |
TRANS SS NPN 45V 100MA SOT-523 5抽头硅延迟线 TRANS SS NPN 50V 100MA SOT23 5抽头硅延迟线 RECTIFIER BRIDGE 1A 200V DB-1 5抽头硅延迟线 RECTIFIER BRIDGE 1A 100V DB-1 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight RECTIFIER BRIDGE 1A 50V DB-1 TRANSISTOR PNP 45V 100MA SOT563 TRANS SS NPN 50V SOT-323 RECTIFIER BRIDGE 1A 400V DB-1 5-Tap Silicon Delay Line
|
Maxim Integrated Products, Inc. Unisem Group DALLAS[Dallas Semiconducotr] DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
FC806 |
50V/ 100mA Rectifier 50V, 100mA Rectifier
|
SANYO[Sanyo Semicon Device]
|
SB01-05 SB01-05CP SB01-05CP-E |
50V, 100mA Rectifier Shottky Barrier Diode Schottky Barrier Diode DIODE SCHOTTKY 50V 0.1A 3CP 50V/ 100mA Rectifier
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor Sanyo Electric Co.,Ltd.
|
NTE1903 |
Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA 集成电路端稳压器 12V的,100mA
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
2CL10KV-100MA |
High voltage rectifier diodes 2CL10KV/100mA Series adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
|
Anshan Suly Electronics
|
SB01-05SPA |
Schottky Barrier Diode 50V, 100mA Rectifier Shottky Barrier Diode
|
Sanyo Electric Co.,Ltd. Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
2SC945 2SA812 NTC2517 2SC2001 NTC2751 NTC2654 2SC1 |
TRANSISTOR,BJT,NPN,50V V(BR)CEO,100MA I(C),TO-92 TRANSISTOR,BJT,PNP,50V V(BR)CEO,100MA I(C),SOT-23VAR Transistor - Datasheet Reference TRANSISTOR,BJT,NPN,25V V(BR)CEO,700MA I(C),TO-92 TRANSISTOR,BJT,NPN,50V V(BR)CEO,100MA I(C),TO-236VAR From old datasheet system
|
NEC Electron Devices
|
HVL900-16IO1 HVL900-14IO1 HVL900-18IO1 HVL900-12IO |
AC Controller with Isolated Water Flow THYRISTOR MODULE|AC SWITCH|1.6KV V(RRM) 可控硅模块|交流开关| 1.6KV五(无线资源管理 AC Control Modules: AC Control Modules
|
IXYS Corporation
|
2N1025 2N2176 2N1475 2N1027 2N1474 2N329B 2N1654 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-5 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 100MA I(C) | TO-5 Silicon Transistors
|
Semitronics
|