PART |
Description |
Maker |
STD5NM6008 STD5NM60-1 STP8NM60 STP8NM60FP STD5NM60 |
N-CHANNEL 650V@Tjmax - 0.9Ohm - 8A - TO-220 /FP- D2/D/IPAK N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh?Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK N-channel 650 V@Tjmax, 0.9 楼?, 8 A MDmesh垄芒 Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh?/a> Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK N-channel 650 V@Tjmax, 0.9 ヘ, 8 A MDmesh⑩ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
|
ST Microelectronics STMicroelectronics
|
STP12NM5006 STB12NM50T4 STB12NM50-1 STP12NM50 STP1 |
12 A, 500 V, 0.35 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-channel 550V @ tjmax - 0.30ヘ - 12A TO-220/FP/D2/I2PAK MDmesh⑩ Power MOSFET N-channel 550V @ tjmax - 0.30Ω - 12A TO-220/FP/D2/I2PAK MDmesh?/a> Power MOSFET N-channel 550V @ tjmax - 0.30Ω - 12A TO-220/FP/D2/I2PAK MDmesh Power MOSFET
|
STMicroelectronics
|
W45NM50 STW45NM50 |
N-CHANNEL 550V Tjmax - 0.08ohm - 45A TO-247 MDmesh TM MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STD5NK60ZT4 STP5NK60Z05 STP5NK60ZFP |
N-CHANNEL 650V @Tjmax - 1.2Ω - 5A TO-220/FP/DPAK Zener-Protected SuperMESH?/a> MOSFET
|
STMicroelectronics
|
STB20NM50T4 |
N-CHANNEL 550V @ Tjmax - 0.20 OHM - 20A TO-220/TO-220FP/D2PAK/I2PAK MDMESH MOSFET
|
ST Microelectronics
|
STF15N65M5 STP15N65M5 STFI15N65M5 |
N-channel 650 V, 0.308 Ohm, 11 A MDmesh(TM) V Power MOSFET in I2PAKFP package N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET N-channel 650 V, 0.308 Ω typ., 11 A MDmesh V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
|
ST Microelectronics STMicroelectronics
|
STF11NM65N STFI11NM65N STD11NM65N STP11NM65N |
N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in I2PAKFP package N-channel 650 V, 0.425 Ω typ., 11 A MDmesh?II Power MOSFET in DPAK, TO-220FP, I2PAKFP and TO-220 packages N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in DPAK package
|
STMicroelectronics ST Microelectronics
|
MCE-6E8F-Z01 |
650 NM LASER DIODE 650 nm激光二极管
|
Electronic Theatre Controls, Inc. etc Unity Opto Technology List of Unclassifed Manufacturers
|
STI32N65M5 STB32N65M5 STF32N65M5 STW32N65M5 |
N-channel 650 V, 0.095 Ohm, 24 A, MDmesh(TM) V Power MOSFET in I2PAK N-channel 650 V, 0.095 Ω, 24 A, MDmesh?/a> V Power MOSFET in D2PAK, I2PAK, TO-220FP, TO-220, TO-247 N-channel 650 V, 0.095 Ω, 24 A, MDmesh V Power MOSFET in D2PAK, I2PAK, TO-220FP, TO-220, TO-247
|
ST Microelectronics STMicroelectronics
|
STP19NM65N STW19NM65N STF19NM65N STI19NM65N STB19N |
N-channel 650 V - 0.25 Ω - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh Power MOSFET N-channel 650 V - 0.25 Ω - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh?/a> Power MOSFET N-channel 650 V - 0.25 ヘ - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
4N65K |
650 Volts N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
|