PART |
Description |
Maker |
030-5325-0 030-7725-0 030-7732-0 030-7589-0 030-71 |
LAMINATED TRANSFORMERS SPLIT BOBBIN POWER TRANSFORMER, 1 VA SPLIT BOBBIN POWER TRANSFORMER, 0.5 VA SPLIT BOBBIN POWER TRANSFORMER, 2.8 VA SPLIT BOBBIN POWER TRANSFORMER, 2 VA LAMINATED TRANS ORMERS Type EI30 / 5 - 0.5VA LAMINATED TRANS ORMERS Type EI30 / 5 - 0.5VA LAMINATED TRANSFORMERS
|
Pulse A Technitrol Company PULSE ELECTRONICS CORP Pulse A Technitrol Comp...
|
POE61S-4AF-R |
5 Port PoE Switch Powered by ULTRA PoE
|
Phihong USA Inc.
|
LTC4274CIUHFTRPBF |
Single PoE/PoE /LTPoE PSE Controller
|
Linear Technology
|
SL1222101-A SL1222101-B |
TRANS,WALL,24VDC/400mA,F2, 2.1mm x 5.5mm,UL 50/cs 电路保护热敏电阻 TRANS,WALL,24VDC/500mA,F1 2.1mmX5.5mm,UL TRANS,WALL,18VDC/1A,F2,2.5X5.5 ,2 PRNG AC,LIN NON-REG
|
Ametherm, Inc.
|
NCP1081 NCP1081DEG NCP1081DER2G |
Integrated 40 W High Power PoE-PD & DC-DC Converter Controller (IEEE 802.3at Draft 3.0) SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO20 Integrated High Power PoE-PD Interface & DC-DC Converter Controller
|
ON Semiconductor
|
TTWB2010-1L TTWB2010L TTWB2040L TTWB3010-1L TTWB30 |
0.13 MHz - 425 MHz RF TRANSFORMER PoE transformer, SMT, RoHS 0.03 MHz - 250 MHz RF TRANSFORMER Surface Mount Wideband RF Transformers
|
COILCRAFT INC Coilcraft, Inc. http:// Coilcraft lnc.
|
FGP-1000-16 |
10-Port Fast Ethernet PoE Switch, 1 x RJ45 Gigabit, 1 x SFP Gigabit, 9 PoE Outputs, 115W
|
Level One
|
LTC4269-1 LTC4269-2 LTC4266 LT4275 LTC4290 LTC4270 |
LTPoE /PoE /PoE PD Controller
|
Linear Technology
|
PV15-24S PV15-15S PV15-5S PV15-48S |
TRANS,WALL,9VDC/200mA,F1 2.1mm X 55mm,UL/CSA(CTR-NEG) TRANS,WALL,REG,6VDC/1A 2.1mmX5.5mm,CTR POS,UL/CSA TRANS,WALL,9VDC/200mA, M2,3.5mm,UL/CSA TRANS,WALL,9VDC/300mA,F2, 2.5mmX5.5mm,UL/ULC TRANS,WALL,9VDC/300mA,F2 2.1mm X 5.5mm,UL/CSA
|
Astrodyne, Inc.
|
V62C1161024LL-85T V62C1161024L V62C1161024L-100T V |
TRANS PNP 100VCEO 5A TOP-3F 超低功4K的16 CMOS SRAM TRANS PNP 80VCEO 10A TOP-3F Ultra Low Power 64K x 16 CMOS SRAM
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp Mosel Vitelic Corp
|
CEFD1608 |
General Power & PoE Transformer<SMD Type: CEFD series> General Power & PoE Transformer Type: CEFD series General Power & PoE Transformer
|
Sumida Corporation
|
|