PART |
Description |
Maker |
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
GM71C4403DLJ-80 GM71C4403D-80 GM71C4403DT-70 GM71C |
MB 32C 32#20 PIN PLUG Single Output LDO, 1.0A, Fixed (5.0V), Low Noise, Fast Transient Response 6-SOT-223 -40 to 85 1,048,576 Words x Bit Organization 1,048,576字×位组织 Single Output LDO, 1.0A, Adj.(1.295 to 5.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 -40 to 85
|
LG Corp. LG, Corp.
|
LT1764 LT1764-1.5 LT1764-1.8 LT1764-2.5 LT1764-3.3 |
3A, Fast Transient Response, Low Noise,LDO Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PSSO5 3A, Fast Transient Response, Low Noise,LDO Regulators 1.8 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise,LDO Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PSSO5 3A/ Fast Transient Response/ Low Noise/LDO Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AN964 |
VERY FAST LOAD TRANSIENT RESPONSE WITH THE NEW LPR30 APPLICATION
|
SGS Thomson Microelectronics
|
LT1764A |
3A, Fast Transient Response, Low Noise, LDO Regulators
|
linear
|
LT1764AMPQTR LT1764AEQ-1.8TRPBF LT1764AEQ-1.5PBF L |
3A, Fast Transient Response, Low Noise, LDO Regulators
|
Linear Technology
|
LT1963AEFE LT1963AEFE-1.5 LT1963AEFE-1.5PBF LT1963 |
1.5A, Low Noise,Fast Transient Response LDO Regulators
|
Linear Technology
|
FAN2560 FAN2560UC13X FAN2560UC15X |
350mA Low-VIN LDO with Fast Transient Response
|
Fairchild Semiconductor
|
NCP58302DSADJR4G NCP58300 |
3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
|
ON Semiconductor
|
EV20056-J-00A |
Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
|
Monolithic Power System...
|
MPQ20056-G-1.8 |
Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
|
Monolithic Power System...
|
|