PART |
Description |
Maker |
ASD530F-03-10S ASP530F-03-08S ASP530F-03-10S ASD53 |
SPEED CONTROLLER 6MM SPEED CONTROLLER 4MM SPEED CONTROLLER 8MM 调速器8毫米 SPEED CONTROLLER 12MM 调速器12毫米 SPEED CONTROLLER 10MM 调速器10毫米
|
Maxim Integrated Products, Inc. Abracon, Corp. Honeywell International, Inc.
|
X20C17PM-35 X20C17PM-45 X20C17PM-55 X20C17 X20C17P |
High Speed AUTOSTORE NOVRAM High Speed AUTOSTORE⑩ NOVRAM High Speed AUTOSTORENOVRAM OSC 5V SMT 7X5 CMOS
|
XICOR[Xicor Inc.]
|
VO2631-X017T VO2601 VO2601-X017T |
High Speed Optocouplers 10Mbd High-Speed Dual CTR>300% High Speed Optocoupler, Single and Dual, 10 MBd
|
Vishay Semiconductors Vishay Siliconix
|
OXU121HP OXU121HP-LQBG OXU121HP-PBBG |
USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
|
Oxford Semiconductor
|
AT43USB351M-AC |
Full-speed/Low-speed USB Microcontroller with ADC and PWM
|
Atmel Corp.
|
CM1233 CM1233-08DE |
PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection
|
California Micro Devices Corp
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
AD53040 AD53040KRP AD53040G |
HIGH SPEED DRIVERS: Complete high speed pin driver Ultrahigh Speed Pin Driver with Inhibit Mode
|
AD[Analog Devices]
|
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
ADM222 ADM242 ADM232A ADM222AARN ADM222AARW |
Nominal:5V; high-speed; 400mW; CMOS RS-232 driver/receiver. For computers, peripherals, modems, printers, instruments Part of a family of high speed RS-232 line drivers/receivers offering transmission rates up to 200 kB/s High Speed, 5V, 0.1 F CMOS RS-232 200kBPS Transceiver with 2 Drivers, 2 Receivers, Shutdown and Enable Pins High Speed, 5V, 0.1 F CMOS RS-232 Transceiver with 2 Drivers, 2 Receivers, 200kBPS Data Rate and a Shutdown Pin
|
Analog Devices
|
ADG201HS ADG201HSAQ ADG201HSBQ ADG201HSJN ADG201HS |
LC-2MOS ± 15 V High Speed, Quad SPST Switch LC<SUP>2</SUP>MOS ± 15 V High Speed, Quad SPST Switch SPSTAnalogSwitch
LC2MOS HIGH SPEED, QUAD SPST SWITCH LC2MOS HIGH SPEED/ QUAD SPST SWITCH Circular Connector; No. of Contacts:66; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-66 SPST Analog Switch QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 LC2MOS 15 V High Speed, Quad SPST Switch Quad SPST Switch(LC2MOS楂?????????峰???
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
1N4148WS |
High Speed Switching Diode Fast Switching Speed Automatic Insertion
|
First Components International
|