PART |
Description |
Maker |
HYB3165160ATL-60 HYB3165160AT-60 HYB3164160AT-40 H |
4M x 16-Bit Dynamic RAM High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 4M x 16-Bit Dynamic RAM 4M X 16 FAST PAGE DRAM, 50 ns, PDSO50
|
Siemens Semiconductor G... SIEMENS AG Siemens Semiconductor Group
|
TC511402AJ-60 TC511402AP-60 TC511402ASJ-60 TC51140 |
1,048,576 x 4 BIT DYNAMIC RAM 1048576 x 4 BIT DYNAMIC RAM Darlington Array IC; Transistor Polarity:NPN; Number of Transistors:7; Collector Emitter Voltage, Vceo:1.3V; Package/Case:16-DIP
|
http:// Toshiba Semiconductor Toshiba Corporation
|
Q67100-Q527 Q67100-Q1056 Q67100-Q519 Q67100-Q518 Q |
1 M x 1-Bit Dynamic RAM Low Power 1 M 1-Bit Dynamic RAM 1个M × 1位动态随机存储器的低功个M位动态随机存储器 1 M x 1-Bit Dynamic RAM Low Power 1 M 1-Bit Dynamic RAM 1 M x 1-Bit Dynamic RAM Low Power 1 M ′ 1-Bit Dynamic RAM
|
SIEMENS AG Siemens Semiconductor Group
|
MH16S64PHB-6 B99031 |
1,073,741,824-BIT ( 16,777,216-WORD BY 64-BIT ) Synchronous DYNAMIC RAM From old datasheet system 1073741824-BIT ( 16777216-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
HYM72V8010GS-60 HYM72V8010GS-50 HYM72V8000GS-60 HY |
8M x 72 Bit ECC FPM DRAM Module buffered 8M x 72-Bit Dynamic RAM Module (ECC - Module) 8M x 72-Bit Dynamic RAM Module 8米72位动态随机存储器模块 8M x 72-Bit Dynamic RAM Module 8M X 72 FAST PAGE DRAM MODULE, 60 ns, DMA168 Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 8M X 72 FAST PAGE DRAM MODULE, 50 ns, DMA168
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
HYB514400BJ-60 HYB514400BJ-50 Q67100-Q973 HB4400C |
From old datasheet system 1M x 4-Bit Dynamic RAM 1M x4-Bit Dynamic RAM
|
SIEMENS[Siemens Semiconductor Group] Infineon
|
MC-454AC726 |
4M-Word By 72-BIT Dynamic RAM Module(4M×72位动态RAM模块) 分词72位动态内存模块(4米72位动态内存模块) 4M-Word By 72-BIT Dynamic RAM Module(4M?72浣????AM妯″?)
|
NEC Corp. NEC, Corp.
|
MK32VT1632-10YC |
16777216 Word x 32 Bit Synchronous Dynamic RAM Module (2 BANK)(16M字2位同步动态RAM模块) From old datasheet system 16,777,216 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
|
OKI SEMICONDUCTOR CO., LTD.
|
HYB314171BJ-50- HYB314171BJL-50 HYB314171BJL-70 HY |
3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
|
http:// SIEMENS A G SIEMENS AG
|
HYB314171BJL-70 HYB314171BJL-60 HYB314171BJL-50 HY |
256k x 16 Bit FPM DRAM 3.3 V 60 ns -3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh 256k x 16 Bit FPM DRAM 3.3 V 70 ns From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYM72V8030GS-60 HYM72V8030GS-50 HYM72V8020GS-60 HY |
8M x 72 Bit ECC FPM DRAM Module buffered 8M x 72-Bit Dynamic RAM Module (ECC - Module) 8M x 72-Bit Dynamic RAM Module 8M X 72 FAST PAGE DRAM MODULE, 60 ns, DMA168 Tools, Hand Crimp; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG SIEMENS A G
|