Part Number Hot Search : 
1060C FOD050LV BC558A 107M012 TM9486 ECQVXXXX 192BX251 PGR20302
Product Description
Full Text Search
  fully-differential Datasheet PDF File

For fully-differential Found Datasheets File :: 14272    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ICS
Part No. ICS87004I ICS87004
OCR Text ... 4:1, 2:1, 1:1, 1:2, 1:4, 1:8 * Fully integrated PLL * Cycle-to-cycle jitter: 45ps (maximum) * Output skew: 45ps (maximum) * Static phase of...Differential-to-LVCMOS/LVTTL Clock Generator and HiPerClockSTM a member of the HiPerClockSTM family ...
Description Low Skew, Low Jitter, 1-to-4, Clock Generator/Zero Delay Buffer. This device can also be set to multiply or divide by 1, 2, 4, 8.
From old datasheet system

File Size 164.27K  /  14 Page

View it Online

Download Datasheet





    ICST[Integrated Circuit Systems]
Part No. ICS84329B-01 ICS84329-01B ICS84329BV-01T ICS84329BM-01 ICS84329BM-01LF ICS84329BM-01LFT ICS84329BM-01T ICS84329BV-01
OCR Text ...ATURES * * * * * * * * * * * * Fully integrated PLL, no external loop filter requirements 1 differential 3.3V LVPECL output Crystal oscillator interface Output frequency range: 31.25MHz to 700MHz VCO range: 250MHz to 700MHz Parallel interf...
Description 700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
From old datasheet system
700MHz, Low Jitter, LVPECL Frequency Synthesizer

File Size 255.59K  /  19 Page

View it Online

Download Datasheet

    MAX1438 MAX1434 MAX1436 MAX1437 MAX1437ECQ

MAXIM[Maxim Integrated Products]
Part No. MAX1438 MAX1434 MAX1436 MAX1437 MAX1437ECQ
OCR Text ...e for Digital Signal Integrity Fully Differential Analog Inputs Wide Differential Input Voltage Range (1.4VP-P) On-Chip 1.24V Precision Bandgap Reference Clock Duty-Cycle Equalizer Compact, 100-Pin TQFP Package with Exposed Paddle Eva...
Description From old datasheet system
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs

File Size 404.84K  /  23 Page

View it Online

Download Datasheet

    Zarlink
Part No. MT9161B 196
OCR Text ...it, receive and side-tone gains Fully differential interface to handset transducers - including 300 ohm receiver driver Flexible digital interface including ST-BUS/SSI Serial microport or default controllerless mode Single 5 volt supply Low...
Description ISO2-CMOS
From old datasheet system

File Size 414.61K  /  30 Page

View it Online

Download Datasheet

    VSC9128 VSC9125

http://
ETC
VITESSE[Vitesse Semiconductor Corporation]
Part No. VSC9128 VSC9125
OCR Text ...mapped into transport channels. Fully integrated Link Capacity Adjustment Scheme (LCAS) protocol is implemented. For route-diverse applications, external memory can accommodate differential delays up to 128 ms between tributaries. Frame-bas...
Description Enhanced 2.5,10 Gbps Multiservice SONET/SDH VC Mapper
From old datasheet system

File Size 487.62K  /  2 Page

View it Online

Download Datasheet

    ICS
Part No. ICS1522
OCR Text ... DAC. Operating frequencies are fully programmable with direct control provided for reference divider, feedback divider and postscaler. F...Differential CLK out-puts to 230 MHz Eliminates need for multiple ECL output voltage controlled crys...
Description User-Programmable Video Clock Generator/Line-Locked Clock Regenerator
From old datasheet system

File Size 257.01K  /  13 Page

View it Online

Download Datasheet

For fully-differential Found Datasheets File :: 14272    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of fully-differential

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.1153581142426