PART |
Description |
Maker |
FEPF6AT FEPF6BT FEPF6CT FEPF6DT FEP6CT FEPB6BT |
Dual Ultrafast Plastic Rectifiers, Forward Current 6.0A, Reverse Recovery Time 35ns
|
Vishay
|
GUR5H60 GURF5H60 GURB5H60 |
Ultrafast Rectifiers, Forward Current 5.0A, Reverse Voltage 600V, Reverse Recovery Time 30ns
|
VISAY[Vishay Siliconix]
|
UG8JT UGF8JT UGB8HT UG8HT |
Ultrafast Rectifiers, Forward Current 8.0A, Reverse Recovery Time 25ns, Reverse Voltage 500 to 600V
|
VISHAY
|
BYV32 BYVF32 BYVB32 BYV32-200 BYVB32-200 BYVF32-20 |
Dual Ultrafast Rectifiers, Forward Current 18A, Reverse Recovery Time 25ns, Reverse Voltage 50 to 200V From old datasheet system
|
VISAY[Vishay Siliconix] http://
|
UF4001 UF4005 UF4004 UF4007 |
1.0AMP. Ultrafast Rectifiers(GPP) 1.0AMP. Ultrafast Rectifiers(GPP?/a> 1.0AMP. Ultrafast Rectifiers锛?PP锛?/a> 1.0AMP. Ultrafast Rectifiers拢篓GPP拢漏
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
UG4C |
Ultrafast Plastic Rectifier, Forward Current 4.0A
|
Vishay
|
1N6515U 1N6517U 1N6513U 1N6513 |
2000 V - 10000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time 2000 V - 5000 V Rectifiers 2,000 V - 5,000 V Rectifiers
|
ETC[ETC]
|
UG30A UG30APT UG30CPT |
Dual Ultrafast Plastic Rectifier, Forward Current 30A
|
VISAY[Vishay Siliconix]
|
MURS120 |
Ultrafast Plastic Rectifier, Forward Current 1.0A, Reverse Voltage 200V
|
Vishay
|