PART |
Description |
Maker |
M80-8421742 M80-8421745 M80-8420745 M80-8422242 M8 |
DATAMATE 2mm PITCH HORIZONTAL PC TAIL SIL PLUG ASSEMBLY - LATCHED (RoHS)
|
Harwin Plc
|
M80-4C11642F1-06-305-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 16 x Small bore signal contacts, 3 x 2mm Crimp Coax contacts 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M22-2515005 M22-2515046 M22-2510105 M22-2510146 |
2mm PITCH SIL VERTICAL PIN HEADER ASSEMBLY
|
Harwin Plc
|
SNL310 |
Datamate L-Tek SIL Male Vertical 4.5mm PC Tail Connector, unlatcheds, gold, 3-way
|
SONIX Technology Co., Ltd.
|
M80-4564298 M80-4541498 M80-4593498 M80-4561498 M8 |
Datamate Connectors 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate Connectors
|
Harwin Plc HARWIN INC
|
M80-4D10405F1-00-000-01-307 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Large bore signal contacts, 1 x 2.7mm Crimp Coax contact 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-9431005 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, gold, with hoods jackscrews, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5621246 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with reverse fix slotted jackscrews, 6 6-way 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-7820322 |
Datamate L-Tek SIL Male Vertical 4.5mm PC Tail Connector, latched, selective gold tin/lead, 3-way 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-4C10805F1-04-325 |
JACKSCREW DATAMATE MIXED TECHNOLOGY CRIMP FEMALE ASSEMBLY
|
Harwin Plc
|
|