PART |
Description |
Maker |
IRD3902 IRD3909 IRD3899 IRD3912 IRD3903 IRD3900 IR |
20 AND 30 AMP FAST RECOVERY RECTIFIER DIODES Hexfet? Power MOSFET 20 and 30 AMP Fast RECOVERY DIODES 20 AND 30 AMP FAST RECOVERY RECTIFIER DIODES 20日和30放大器快速恢复整流二极管
|
IRF[International Rectifier] International Rectifier, Corp. Vishay Intertechnology, Inc.
|
FMC-28UA FMC-26U FMC-26UA FMC-28U |
Single Pole Normally Open: 1-Form-A 800V,Ultra-Fast-Recovery Rectifier Diodes(800,超快恢复整流二极管) 200V,Ultra-Fast-Recovery Rectifier Diodes(200,超快恢复整流二极管)
|
Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
DSEI30 DSEI30-06A |
Fast Recovery Diodes Fast Recovery Epitaxial Diode (FRED)
|
ETC IXYS Corporation
|
BYT30PI-400 BYT30PI-400RG |
30 A, 400 V, SILICON, RECTIFIER DIODE PLASTIC, DOP3I, 2 PIN Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:600V RoHS Compliant: Yes FAST RECOVERY RECTIFIER DIODES FAST RECOVERY RECTIFIER DIODES
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BYT08PI-400RG 6726 BYT08P-40002 BYT08 BYT08P-400 B |
FAST RECOVERY RECTIFIER DIODES FAST RECOVERY RECTIFIER DIODES From old datasheet system
|
SGS Thomson Microelectronics ST Microelectronics STMicroelectronics
|
SD203R25S20PV SD203N SD203N04S10MBC SD203N04S10MBV |
1200V Fast Recovery Diode in a DO-205AB (DO-9) package 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V Fast Recovery Diode in a DO-205AB (DO-9) package XSTR FET-N DEPL 500V 1K TO243 SEMICONDUCTOR DEVICE, TRANSISTOR, P-CHANNEL MOSFET (SOT-89) XSTR M N 100V 1.5R 3.0A ,IC, HIGH VOLT EL DRIVER, SO-8 DIODE SCHOTTKY 40V/1A SS14 SMA 快速恢复二极管螺柱版本 TRANSISTOR, DN2540 N-FET S 快速恢复二极管螺柱版本 FAST RECOVERY DIODES Stud Version 快速恢复二极管螺柱版本
|
IRF[International Rectifier] International Rectifier, Corp.
|
DSDI60-18A DSDI60 DSDI60-14A DSDI60-16A |
Fast Recovery Diodes Super Fast Recovery Diode
|
IXYS[IXYS Corporation]
|
SD1553C..KSERIES 2617 SD1553C18S20K SD1553C18S30K |
2800V Fast Recovery Diode in a DO-200AC (K-Puk) package 2500V Fast Recovery Diode in a DO-200AC (K-Puk) package 2200V Fast Recovery Diode in a DO-200AC (K-Puk) package 1800V Fast Recovery Diode in a DO-200AC (K-Puk) package From old datasheet system FAST RECOVERY DIODES
|
International Rectifier
|
DSEP30-06A DSEP30-06B DSEP30-06BR |
Fast Recovery Diodes HiPerFRED Epitaxial Diode with soft recovery
|
IXYS Corporation
|
DSEC16-02A |
Fast Recovery Diodes HiPerFRED Epitaxial Diode with common cathode and soft recovery
|
IXYS Corporation
|
BYW77G-200-TR BYW77G 4602 |
HIGH EFFICIENCY FAST RECOVERY DIODES From old datasheet system HIGH EFFICIENCY FAST RECOVERY DIODES
|
ST Microelectronics STMicroelectronics
|