AM21L49-70LC - 1.5A, 500kHz Step-Down Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5A, 500kHz Step-Down Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 100MHz Current Feedback Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 1.1A, 35MHz Current Feedback Amplifier (CFA); Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad 45MHz, 400V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Dropout Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250mA/60MHz Current Feedback Amplifier; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM x4 SRAM x4的SRAM 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM 23MHz, 50V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C |