PART |
Description |
Maker |
M95020 M95040-MB3G/W M95040-MB3T/S M95040-MB3TG/W |
128 X 8 SPI BUS SERIAL EEPROM, PDSO8 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
|
http:// 意法半导 STMicroelectronics
|
UL1621 |
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock Ukad dekodera sygnau stereofonicznego z ptlPLL
|
Ultra CEMI
|
M93C46-DS3G_S M93C46-DS3G_W M93C46-DS3P_S M93C46-D |
256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 512 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 1K X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIREserial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE? serial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE庐 serial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE垄莽 serial access EEPROM
|
意法半导 STMicroelectronics
|
CAT25C08L-1.8 CAT25C08SI-1.8TE13 CAT25C08S-1.8TE13 |
1K X 8 SPI BUS SERIAL EEPROM, PDIP8 LEAD FREE AND HALOGEN FREE, PLASTIC, DIP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 SOIC-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD FREE AND HALOGEN FREE, SOIC-8 128 X 8 SPI BUS SERIAL EEPROM, PDSO14 256 X 8 SPI BUS SERIAL EEPROM, PDSO14 512 X 8 SPI BUS SERIAL EEPROM, PDSO14
|
Fox Electronics
|
25LC512T-E_SN 25AA512 25AA512-1_MF 25AA512-1_P 25A |
512 Kbit SPI Bus Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
M95080-DWMF3TP |
Automotive 8-Kbit serial SPI bus EEPROMs
|
STMicroelectronics
|
25A512 25A512ISN 25A512IST 25A512TISN 25A512TIST |
512 Kbit SPI Bus Serial EEPROM
|
Microchip Technology
|
AT25HP512W2-10SI-1.8 AT25HP512W2-10SI-2.7 AT25HP51 |
SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, PDSO16 SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, DSO8 128-byte Page Mode Only for Write Operations
|
Atmel, Corp. ATMEL Corporation http://
|
M95320-MB3G_P M95320-MB3G_PC M95320-MB3P_P M95320- |
32 Kbit serial SPI bus EEPROMs with high-speed clock
|
STMicroelectronics
|
M95160FMC6TG/S M95160FMC6TP/G M95160FMC6TP/S M9516 |
16-Kbit serial SPI bus EEPROM with high-speed clock
|
STMicroelectronics
|
AT25256 AT25256-10CC AT25256-10CC-1.8 AT25256-10CC |
SPI Serial EEPROMs 32K X 8 SPI BUS SERIAL EEPROM, DSO8 122 x 32 pixel format, Compact LCD size 16K X 8 SPI BUS SERIAL EEPROM, PDSO20 BOX WATERTIGHT 6.01X3.24X1.81,1 16K X 8 SPI BUS SERIAL EEPROM, PDSO14 SPI Serial EEPROMs 16K X 8 SPI BUS SERIAL EEPROM, CDSO8 High Speed CMOS Logic Non-Inverting Octal-Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 128 x 64 pixel format, LED or EL Backlight available High Speed CMOS Logic Non-Inverting Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC -55 to 125
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|