PART |
Description |
Maker |
REC-10LA |
Precision Linear Transducers, Designed for Mount in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element, Designed for High Pressure Chamber of Small Cylinders, Equipped with Glass-Sealed Electrical Outputs
|
Vishay
|
MCP100T-270I_TT MCP100T-300I_TT MCP100T-315I_TT MC |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d CPU / System Supervisors Microcontroller Supervisory Circuit with Push-Pull Output
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
P1602ABLXX P0602ABLXX P3002AALXX P3002ABLXX P3002A |
The SIDACtor庐 Series Modified TO-220 are designed to protect baseband The SIDACtor? Series Modified TO-220 are designed to protect baseband
|
Littelfuse
|
.16.160 21606.3 21601.6 216.200 216004 |
MINI STEREO HEAD PHONE EXTENSION CORD 10FT 轴向引线和墨盒保险丝- IEC标准设计 Axial Lead and Cartridge Fuses - Designed to IEC Standard 轴向引线和墨盒保险丝- IEC标准设计 Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:8-2 Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
Littelfuse, Inc.
|
P0080SAMCLRP P0300SAMCLRP P2100SCMCLRP P0300SCMCLR |
MC Series DO-214 are low capacitance SIDACtor庐 devices designed to protect MC Series DO-214 are low capacitance SIDACtor? devices designed to protect
|
Littelfuse
|
PE-53816SNLT PE-53826SNL PE-53826SNLT PE-53806SNL |
1 ELEMENT, 17 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 377 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher? Toroid - Designed for Nationals 150kHz Simple Switcher THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher? Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 Toroid - Designed for National’s 150kHz Simple Switcher? Toroid - Designed for Nationals 150kHz Simple Switcher
|
Pulse Electronics, Corp. Pulse A Technitrol Company Pulse A Technitrol Comp...
|
GSM14P256KB-I66 GSM14P512KB-I66 |
256KB Secondary Cache Module Designed For Use With Intel Pen-tium CPU based system(用于英特尔奔腾处理器系统56KB二级高速缓冲存储器) 512KB Secondary Cache Module Designed For Use With Intel Pen-tium CPU based system(用于英特尔奔腾处理器系统12KB二级高速缓冲存储器)
|
GSI Technology
|
235.700 0235.200H-ND H235.125 235.125H H235001 023 |
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards 轴向引线和熔断管-设计符合UL / CSA标准 Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
|
Littelfuse, Inc.
|
7344-V2C3-AQTB 7344_V2C3-AQTB 7344/V2C3-AQTB |
Specially designed for applications
|
Everlight Electronics Co., Ltd
|
SF1140B-2 |
Designed for SDARS IF Receiver
|
RF Monolithics, Inc
|
SF2038C |
Designed for SDARS IF Receiver
|
RF Monolithics, Inc
|