PART |
Description |
Maker |
GM317LT92BG GM317LT92RLG |
3-TERMINAL 100mA ADJUSTABLE REGULATOR
|
Gamma Microelectronics Inc.
|
SCLM317L |
100mA Adjustable Voltage Regulator
|
SeCoS Halbleitertechnologie GmbH
|
G5JLM2931 |
100mA Low Dropout Adjustable Voltage Regulator
|
E-Tech Electronics LTD GTM CORPORATION
|
S5JLM2931 |
100mA CMOS Low Dropout Adjustable Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
TC1121EOA TC1121EPA TC1121EUA TC1121COA TC1121 TC1 |
The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative ... The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative output voltage. As with all charge pump converters, the TC1121 uses no inductors saving cost, size, an 100mA Charge Pump Voltage Converter with Shutdown
|
MICROCHIP[Microchip Technology]
|
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
LM317MSTT3 LM317MBDT LM317MABDT LM317MABDTRK LM317 |
500 mA Adjustable Output,Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 Three-Terminal Adjustable Output Positive Voltage Regulator 500mA, Adjustable Output, Positive Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
ST777 ST777ACD ST777ACN ST778 ST778ACD ST778ACN ST |
LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS FUSE, 3A, FAST ACTING, 0603
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MAX16815ATT MAX16815 MAX16815ASA MAX16828ATT MAX16 |
High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
|
Maxim Integrated Products
|
P6DG054R8ZS P6DG124R8ZS P6DG0503ZS P6DG0505ZS P6DG |
Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:12V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 5/5V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:12V, output voltage 3/3V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:12V, output voltage 5/5V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:12V, output voltage 3.3/3.3V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 3/3V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 5/5V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 3.3/3.3V (100/100mA), 1KV isolated 0.6-1W regulated dual split output
|
PEAK electronics
|
ET-IL317L |
100 mA Adjustable output Positive Voltage Regulator 100 mA Adjustable Output Positive VoltageRegulator
|
Estek Electronics Co. Ltd
|
X76F128 X76F128H X76F128H-2.7 X76F128HE X76F128HE- |
PSU, DIN RAIL, 24V, 100MA; Power rating:2.4W; Current, output:100mA; Length / Height, external:73.2mm; Width, external:45mm; Depth, external:119.2mm; Frequency, supply max:63Hz; Frequency, supply min:47Hz; Regulation, line:0.05%; Secure SerialFlash 安全SerialFlash
|
http:// XICOR[Xicor Inc.]
|