PART |
Description |
Maker |
HKE65SC13D-3 HKE65SC03D-3 HKE65SC03C-4 HKE65SC103C |
Right angle, Two-piece for fine coaxial cable, Discrete wire connectors; HRS No: 687-1700-0 00; No. of Positions: 20; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Pull tab Internal power supply connectors (C-UL, TUV), Discrete wire connectors; HRS No: 680-1212-1 00; No. of Positions: 5; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Retainer 8位微处理 8-Bit Microprocessor 8位微处理 Board-to-board stacking height of 1.5mm, Board-to-FPC, Two-piece connector; HRS No: 688-0809-0 92; Contact Mating Area Plating: Gold 8位微处理 Internal power supply connectors (C-UL, TUV), Discrete wire connectors; HRS No: 680-1209-7 00; No. of Positions: 2; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Retainer 8位微处理 Internal power supply connectors (C-UL, TUV), Discrete wire connectors; HRS No: 680-1211-9 00; No. of Positions: 4; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Retainer 8位微处理 Board-to-board stacking height of 1.5mm, Board-to-FPC, Two-piece connector; HRS No: 688-0507-0 61; Contact Mating Area Plating: Gold 8位微处理 Internal power supply connectors (C-UL, TUV), Discrete wire connectors; HRS No: 680-1203-0 00; No. of Positions: 5; Current Rating(Amps)(Max.): 15; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Retainer 8位微处理
|
TE Connectivity, Ltd. RECOM Electronic GmbH Bourns, Inc. Molex, Inc. HIROSE ELECTRIC Co., Ltd. Vishay Semiconductors Microsemi, Corp. Sullins Connector Solutions, Inc. Glenair, Inc. Amphenol, Corp.
|
SK2111AXFT SK2111 SK2111AXF |
; Operating Temperature Range (degrees C): -55 to 85; General Description: Housing; Polarizing guide 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
|
SEMTECH[Semtech Corporation]
|
HLMA-QH00-S0011 HLMA-QH00-S0012 HLMA-QH00-S0021 HL |
Subminiature High Performance TS AlGaAs Red LED Lamps 超小型高性能日ts AlGaAs的红色LED Pin contact interface connectors; HRS No: 225-0021-3 00; No. of Positions: 36; Operating Temperature Range (degrees C): -55 to 85 超小型高性能铝铟镓磷化物发光二极 Subminiature High Performance AlInGaP LED Lamps 超小型高性能铝铟镓磷化物发光二极 Subminiature LED Lamps 微型发光二极 超小型高性能T型车的AlInGaP红色橙色LED灯具 Pin contact interface connectors; HRS No: 225-0022-6 00; No. of Positions: 50; Operating Temperature Range (degrees C): -55 to 85 0.3mm contact spacing, 1.0mm above the PCB, FPC connectors; HRS No: 580-1701-0 05; Contact Mating Area Plating: Gold Subminiature High Performance AS AlInGaP Red Orange LED Lamps. Gull Wing. Bulk 0.3mm contact spacing, 1.0mm above the PCB, FPC connectors; HRS No: 580-0200-9 58; Contact Mating Area Plating: Gold FPC connectors, 1.25mm of mounting height on PCB, LIF structure, Over-molding structure, Flip-lock (one-touch rotating system), Horizontal staggered pin design; SubminiatureHighPerformanceAlInGaPLEDLamps
SubminiatureHighPerformanceASAlInGaPRedOrangeLEDLamps.GullWing.Bulk
SubminiatureHighPerformanceASAlInGaPRedOrangeLEDLamps.GullWing.7inchRee..
|
Samtec, Inc. EPCOS AG Amphenol, Corp. Avago Technologies, Ltd.
|
XCFVP-40 |
Temperature range for complete Logger:-85°C to 140°C
|
Amphenol Corporation
|
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
HG62G014-DIE HG62G027-QFP80P HG62G035-QFP80P HG62G |
Pin header, Discrete wire IDC connection (for Bus line), Discrete wire connectors; HRS No: 541-0103-0 00; No. of Positions: 9; Operating Temperature Range (degrees C): -30 to 85; General Description: Accessory; IDC protector Pin header, Discrete wire IDC connection (for Bus line), Discrete wire connectors; HRS No: 541-0102-7 00; No. of Positions: 8; Operating Temperature Range (degrees C): -30 to 85; General Description: Accessory; IDC protector ASIC 专用集成电路
|
Cinch Connectors Everlight Electronic Co., Ltd. Yellow Stone, Corp.
|
HSD1114-229S HSD1112-329L HSD1112-229P HSD1114-329 |
Converter IC 转换器IC Round Miniature series, for Electronic and Communication equipment; HRS No: 109-0078-3 71; Shell Size (dia): 12; Operating Temperature Range (degrees C): -25 to 85; General Description: Cap; Bayonet lock coupling 转换器IC
|
SMSC, Corp. Infineon Technologies AG ITT, Corp. Electronic Theatre Controls, Inc.
|
HM658128ALT-8L HM658128ALP-8L HM658128ALR-8L HM658 |
x8 Pseudo-Static RAM IEC 61754-4; HRS No: 704-0363-7 00; Mating/Unmating Cycles: 500; Operating Temperature Range (degrees C): -25 to 70; Generic Name: SC; General Description: Cap IEC 61754-4; HRS No: 704-1095-5 41 x8伪静态存储器
|
GSI Technology, Inc.
|
SF0140BA03073S |
140 MHz Low Loss SAW Filters From old datasheet system 140 MHz Filter 18 MHz Bandwidth
|
ICS Integrated Circuit Systems
|
BTS5231GS SP000203741 |
Smart High-Side Power Switch PROFET Two Channels, 140 m蟹 Smart High-Side Power Switch PROFET Two Channels, 140 mз
|
INFINEON[Infineon Technologies AG]
|
W0603HT-01-100R-G W0603HT-01-100R-J W1206HT-01-100 |
High Temperature TaNFilm㈢ Chip Resistors High Temperature TaNFilm垄莽 Chip Resistors High Temperature TaNFilm? Chip Resistors High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.1 W, 1 %, 100 ppm, 100 ohm, SURFACE MOUNT, 0805 High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.0625 W, 5 %, 100 ppm, 100 ohm, SURFACE MOUNT, 0603 High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.125 W, 2 %, 100 ppm, 100 ohm, SURFACE MOUNT, 1206
|
Welwyn Components Limited TT Electronics / Welwyn Welwyn Components, Ltd. Welwyn Components Limit...
|