PART |
Description |
Maker |
ST72F62 |
LOW SPEED USB 8-BIT MCU
|
ST Microelectronics
|
ST7263BKX |
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM
|
STMicroelectronics
|
ST726206 |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
|
STMicroelectronics
|
ST72P63BK6B1 |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C
|
意法半导
|
C9860-44 C9872-22 C9860-42 |
ST7265X - LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER 光电
|
ON Semiconductor
|
ST72611F1B1/GEN ST72611F1M1/GEN |
ST7261 - LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH MEMORY, LVD, WDG, TIMER
|
ST Microelectronics
|
ST7263BK2B1/GEN ST7263BK4 ST72P63BK2B1 ST72P63BK4B |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
ST Microelectronics
|
STR71XF STR712FR0XX STR71XF07 STR711FR1XX STR710FR |
ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces(带Flash, USB, CAN 5个定时器, ADC, 10个通信接口的ARM7TDMI 32位MCU) ARM7TDMI2位微控制器的闪存,USB,可5定时器,ADC10通讯接口(带闪存,USB,可5个定时器,ADC10个通信接口的ARM7TDMI2位微控制器) ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics N.V. 意法半导
|
STM32F103R4 STM32F103R6 STM32F103C4 STM32F103C6 ST |
Mainstream Performance line, ARM Cortex-M3 MCU with 32 Kbytes Clash, 72 MHz CPU, motor control, USB and CAN Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB Low-density performance line, ARM-based 32-bit MCU Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
|
ST Microelectronics STMicroelectronics
|
ST72651 ST72F651AR6T1E ST72651AR6T1 ST72651AR6T1E |
LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
|
STMICROELECTRONICS[STMicroelectronics]
|
STM32F102R6T6XXX STM32F102C6T6AXXX STM32F102C4 STM |
Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
|
STMicroelectronics
|
AT43USB351M04 AT43USB351M-AC AT43USB351M |
Low-/full-speed configurable USB microcontroller with a 1.5/12/24 MIPS AVR, 5 function endpoints, 12-channel 10-bit ADC, PWM and 24 Kbytes of program ROM Full-speed/ Low-speed USB Microcontroller with ADC and PWM
|
ATMEL[ATMEL Corporation]
|
|