PART |
Description |
Maker |
AD7533KRZ-REEL AD7533JP-REEL AD7533KR-REEL AD7533T |
CMOS Low Cost, 10-Bit Multiplying DAC; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PDSO16 CMOS Low Cost, 10-Bit Multiplying DAC; Package: PLCC; No of Pins: 20; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PQCC20
|
Analog Devices, Inc.
|
AV16600DGG AV16600DL-T AV16600DGG-T |
Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Commercial ALVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
NXP Semiconductors N.V.
|
MAX5253 MAX5253ACAP MAX5253ACPP MAX5253AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDIP20 3V / Quad / 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V Quad 12-Bit Voltage-Output DAC with Serial Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LTC16541 LTC1654IGNPBF |
Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 8.5 us SETTLING TIME, 14-BIT DAC, PDSO16
|
Linear Technology, Corp.
|
AD5323BRUZ-REEL |
2.5 V to 5.5 V, 230 µA, Dual Rail-to-Rail Voltage Output 12-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16
|
Analog Devices, Inc.
|
AD7945ARS-B AD7945AN-B AD7943ANZ-B AD7943ARS-B AD7 |
3.3 V/ 5 V Multiplying 12-Bit DACs 3.3 V/ 5 V Multiplying 12-Bit DAC With a Parallel Interface 3.3 V/ 5 V Multiplying 12-Bit DACs SERIAL INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, PDSO20 3.3 V/ 5 V Multiplying 12-Bit DAC With a Serial Interface; Package: PDIP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, PDIP16
|
ANALOG DEVICES INC Analog Devices, Inc.
|
LNJ208R82RA |
1 MSPS, 12-Bit A/D Converter in MSOP-8 or SOIC-8; Package: SOIC; No of Pins: 8; Temperature Range: Industrial SINGLE COLOR LED, RED, 1.1 mm
|
Panasonic, Corp.
|
AD5384BBC-5REEL7 AD5384BBC-3REEL7 AD5384BBCZ-5 AD5 |
40-Channel, 3 V/5 V Single Supply,14-Bit, Serial Voltage-Output DAC; Package: CSPBGA (10x10x1.35); No of Pins: 100; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 14-BIT DAC, PBGA100 40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
AD7399BRU AD7398BR-REEL AD7398BRZ AD7398BRZ-REEL7 |
Quad, Serial-Input 10-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO16 Quad, Serial-Input 12-Bit/10-Bit DACs
|
Analog Devices, Inc.
|
|