PART |
Description |
Maker |
ASM5I9772AG-52-ET ASM5I9772A ASM5I9772A-52-ER ASM5 |
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer 200 MHz, OTHER CLOCK GENERATOR, PQFP52
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
PCS5P9774G-52-ER PCS5I9774G-52-ER PCS5P9774G-52-ET |
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
|
PulseCore Semiconductor
|
PCS5I9772G-52-ER PCS5P9772G-52-ER PCS5I9772G-52-ET |
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
|
PulseCore Semiconductor
|
CY2V9950AC CY2V9950ACT CY2V9950AI CY2V9950AIT CY2V |
2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
|
Cypress Semiconductor
|
ASM5I9775AG-52-ET ASM5I9775A ASM5I9775A-52-ER ASM5 |
2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer Octal D-Type Flip-Flops With Clear 20-TSSOP -40 to 85
|
ALSC[Alliance Semiconductor Corporation]
|
PDU54-1500 PDU54-2000 PDU54-1200M PDU54-1200MC4 PD |
Delay 1500 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 2000 /-400 ns, 4-BIT, ECL-interfaced programmable delay line Delay 1200 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 1000 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 200 /-60 ns, 4-BIT, ECL-interfaced programmable delay line Delay 100 /-50 ns, 4-BIT, ECL-interfaced programmable delay line
|
Data Delay Devices Inc
|
2020-900 2020-1400 2021-200 2021-250 2020-700 2021 |
Delay 900 /-18 ns, fixed SIP delay line Tr Delay 1400 /-28 ns, fixed SIP delay line Tr Delay 200 /-10 ns, fixed SIP delay line Tr Delay 250 /-10 ns, fixed SIP delay line Tr Delay 700 /-14 ns, fixed SIP delay line Tr Delay 100 /-10 ns, fixed SIP delay line Tr Delay 150 /-10 ns, fixed SIP delay line Tr Delay 500 /-10 ns, fixed SIP delay line Tr Delay 1300 /-26 ns, fixed SIP delay line Tr
|
Data Delay Devices Inc
|
ASM5I9774AG-52-ET ASM5I9774A ASM5I9774A-52-ER ASM5 |
Octal D-Type Flip-Flops With Clear 20-TSSOP -40 to 85 9774 SERIES, PLL BASED CLOCK DRIVER, 14 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP52 2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer 9774 SERIES, PLL BASED CLOCK DRIVER, 14 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP52
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY23FP12 |
200 MHz Field Programmable Zero Delay Buffer
|
Cypress Semiconductor
|
CY23FP12 CY23FP12OXC CY23FP12OXCT CY23FP12OXI CY23 |
200-MHz Field Programmable Zero Delay Buffer
|
CYPRESS[Cypress Semiconductor]
|