PART |
Description |
Maker |
EUP7182 EUP7182-18VIR1 EUP7182-25VIR1 EUP7182-28VI |
50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
|
Eutech Microelectronics Inc
|
LT3013MPFEPBF LT3013MPFETRPBF LT1962 LT1776 LT1963 |
1.24 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.62 V DROPOUT, PDSO16 4.40 MM, LEAD FREE, PLASTIC, TSSOP-16 250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
|
Linear Technology, Corp.
|
LT3013 |
4V to 80V Low Dropout Micropower Linear Regulator
|
Linear Technology
|
LT3011 |
3V to 80V Low Dropout Micropower Linear Regulator
|
Linear Technology
|
LTCHN |
20mA, 3V to 80V Low Dropout Micropower Linear Regulator
|
Linear Technology Corporation
|
LT3012EDE LT3012EDE-PBF LT3012EDE-TR LT3012EDE-TRP |
250mA, 4V to 80V Low Dropout Micropower Linear Regulator
|
Linear Technology
|
LT3013BEDETRPBF |
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
|
Linear Technology
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
TC1224-XXVCT TC1223 TC1223-XXVCT TC1223-5.0VCTTR T |
5 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 50mA and 100mA CMOS LDOs with Shutdown The TC1223 and TC1224 are high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators such as the ... The TC1223 and TC1224 are high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators such as the LP2980. Designed specifically for battery-operated systems, the devices CMOS constructio neliminates wasted
|
MICROCHIP[Microchip Technology]
|
LT3014BHVEDD |
20mA, 3V to 80V Low Dropout Micropower Linear Regulator
|
Linear Technology
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|