PART |
Description |
Maker |
IDT74FCT162952ET IDT74FCT162952CT IDT74FCT162952AT |
16-BIT REGISTERED TRANSEIVER FAST CMOS 16-BIT REGISTERED TRANSCEIVER
|
IDT
|
74ABT16500 74ABT16500CMTD 74ABT16500CSSC 74ABT1650 |
18-Bit Registered Bus Transceiver with 3-STATE Outputs 6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers 18-Bit Universal Bus Transceivers with 3-STATE Outputs ABT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IDT74FCT16501CTPA IDT74FCT16501CTPAB IDT74FCT16501 |
FAST CMOS 18-BIT REGISTERED TRANSCEIVER 快速CMOS 18位注册收发器 CAP 10UF 6V 10% TANT SMD-3528-12 TR-7-PL GOLD LOWESR-1200 FCT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 CAP 10UF 6V 10% TANT SMD-3528-12 TR-7-PL SN100% LOWESR-1200 FCT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 FAST CMOS 18-BIT REGISTERED TRANSCEIVER
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
SSTUM32866EC_G SSTUM32866EC_S SSTUM32866 SSTUM3286 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
|
NXP Semiconductors
|
PI74ALVCH16270 |
From old datasheet system 12-Bit To 24-Bit Registered Bus Exchanger with 3-State Outputs
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp.
|
SSTUP32866EC_G SSTUP32866EC_S SSTUP32866EC/G SSTUP |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity and programmable output for DDR2-800 RDIMMs
|
NXP Semiconductors
|
HD74ALVCH162270 |
12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
24C64 M24C64 M24C64BN1T M24C64-BN3 M24C64-BN3P M24 |
20-Bit Bus-Interface D-Type Latch With 3-State Outputs 56-SSOP -40 to 85 RECTIFIER SCHOTTKY SINGLE 10A 35V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 64/32千位串行I?C总线的EEPROM 1-Bit To 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 64Kbit32Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS 16-Bit Transparent D-Type Latch With 3-State Outputs 48-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM Collier 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 3.3-V 20-Bit Flip-Flop With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 18-Bit To 36-Bit Registered Bus Exchanger With 3-State Outputs 80-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM ECONOLINE: RSZ/P - 1kVDC FUSE 18-Bit Universal Bus Driver with 3-State Outputs 56-SSOP -40 to 85 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 64/32KbitSerialICBusEEPROM 64/32 Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial IC Bus EEPROM 64/32 Kbit Serial IC Bus EEPROM 64Kbit and 32Kbit Serial I?C Bus EEPROM 64/32 Kbit Serial I?C Bus EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
PI74SSTUA32864 PI74SSTUA32864NB PI74SSTUA32864NBE |
25-Bit 1:1 or 14-Bit 1:2 Confi gurable Registered Buff er
|
Pericom Semiconductor Corporation
|
GS8161E32D-166 GS8161E32D-166I GS8161E3T-200 GS816 |
14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TVSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×18512k×32512k×36 18M位同步突发静态存储器 20-Bit SSTL_3 Interface Buffer With 3-State Outputs 64-TSSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer With Address-Parity Test 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×1812k×3212k×36 18M位同步突发静态存储器 Quad 2-input Exclusive-OR gates 14-PDIP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer with SSTL_18 Inputs and Outputs 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 20-Bit SSTL_3 Interface Universal Bus Driver With 3-State Outputs 64-TSSOP 0 to 70 Quad 2-input Exclusive-OR gates 14-SOIC 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70
|
http:// GSI Technology Electronic Theatre Controls, Inc.
|