PART |
Description |
Maker |
55837-5001 0558375001 |
CRC Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, MaleTerminal, Signal, 50 Circuits, Polarization Type Standard
|
Molex Electronics Ltd.
|
SETM SETK SETA SETB SETD SETE SETG SETJ |
Compliant to DIN standard, Compliant to IEC603-2/DIN41612 standard; HRS No: 583-0071-7 72; No. of Positions: 96; Connector Type: Wire; Contact Gender SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
|
Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors]
|
BUK7520-55A BUK7620-55A |
TrenchMOS(tm) standard level FET N-channel enhancement mode field-effect power transistor in a plastic package using TrenchMOS technology, featuring very low on-state resistance. TrenchMOS TM standard level FET
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
55837-3070 0558373070 |
CRC Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, MaleTerminal, Signal, 30 Circuits, Polarization Type Standard, Lead-free CRC?/a> Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, MaleTerminal, Signal, 30 Circuits, Polarization Type Standard, Lead-free
|
Molex Electronics Ltd.
|
FM24C16 FM24C16U FM24C16U_17U FM24C17UFTN FM24C16U |
16K--Bit Standard 2-Wire Bus Interface Serial EEPROM 16K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system I2C Serial EEPROM I2C串行EEPROM
|
FAIRCHILD[Fairchild Semiconductor] L-com, Inc. Fairchild Semiconductor, Corp.
|
2200 |
Incandescent T-1 3/4 Standard Wire Terminal Lamp
|
JKL Components
|
A118506 A1186LUA-T A1185 A1185ELHLT-T A1185EUA-T A |
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
|
ALLEGRO[Allegro MicroSystems]
|
FM24C128 |
128K-BIT STANDARD 2-WIRE BUS INTERFACE SERIAL EEPROM
|
Fairchild Semiconductor
|
FM3550 FM3560 |
4-Bit Multiplexed,1-Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches(4位多路传输的带标准两线控制的总线接口和非易失性锁存器位锁存器接口) 5-Bit Multiplexed,1-Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches(5位多路传输的带标准两线控制的总线接口和非易失性锁存器位锁存器接口)
|
Fairchild Semiconductor Corporation
|
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
FM24C08 FM24C08U FM24C16U_17U FM24C02U_03U FM24C04 |
8K--Bit Standard 2-Wire Bus Interface Serial EEPROM Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:14-5 K位标线总线接口的串行EEPROM I2C Serial EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; Number of Contacts:55; Connector Shell Size:17; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight K位标线总线接口的串行EEPROM 8K-Bit Standard 2-Wire Bus From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
NM34W02 NM34W02M8 NM34W02M8X NM34W02MT8 NM34W02MT8 |
2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
|
FAIRCHILD[Fairchild Semiconductor]
|