PART |
Description |
Maker |
ST62P30BB6 ST6230B ST62P30BB1 |
IC, 60FBGA, 512MBIT DDR DRAM 60 PIN BGA 32MBX16 8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. A/D CONVERTER. 16-BIT AUTO-RELOAD TIMER. EEPROM. SPI. UART AND 28 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。的A / D转换器16位自动重加载定时器EEPROM中。的SPIUART8个引
|
Cypress Semiconductor, Corp.
|
HT48R01 HT48R01_HT48R02_HT48R03 HT48R02 HT48R03 |
10-Pin MSOP I/O Type 8-Bit OTP MCU The HT48R01/HT48R02/HT48R03 are 8-bit high performance,
|
Holtek Semiconductor Inc.
|
ADUC831BCP ADUC831BS EVAL-ADUC831QSZ |
MicroConverter/ 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU Circular Connector; No. of Contacts:6; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:9; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:9-35 MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU 8-BIT, FLASH, 16.78 MHz, MICROCONTROLLER, PQFP52 LJT 6C 6#22D PIN RECP MicroConverter的,12位ADC2 kBytes为嵌入式闪存MCU数模转换 MicroConverter?, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
|
Analog Devices, Inc.
|
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
PIC16F1613 |
8/14/16-Pin, 8-Bit Flash MCU
|
Microchip Technology, Inc.
|
PIC16C771-04I/P PIC16C771-04I/JW PIC16C771-20I/P P |
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D 18/20-Pin位CMOS微控制器10/12-Bit的A / D 18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D 18/20-Pin位CMOS微控制器0/12-Bit的A / D IC-SM-8-BIT MCU
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
HT46R01 HT46R02 HT46R03 |
10-Pin MSOP A/D Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
ST72F321R7T6 ST72F321R7TA ST72321J9TA ST72F321J9T6 |
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE ST72321 - 8-BIT MCU WITH NESTED INTERRUPTS, FLASH,10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
|
ST Microelectronics
|
C8051F206 C8051F206-GQ |
25 MIPS, 8 kB Flash, 12-Bit ADC, 48-Pin Mixed-Signal MCU
|
Silicon Laboratories
|
C8051F000 |
20 MIPS, 32 kB Flash, 12-Bit ADC, 64-Pin Mixed-Signal MCU
|
Silicon Laboratories
|
C8051F010 |
20 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
|
Silicon Laboratories
|
|