PART |
Description |
Maker |
1.5KE100CA 1.5KE110CA 1.5KE120CA 1.5KE130CA 1.5KE1 |
Discrete POWER & Signal Technologies UHV240-KH/AS PTSA 0.5/ 9-2.5-Z Discrete POWER & Signal Technologies 分立功率 1500 Watt Transient Voltage Suppressors(功500瓦的瞬变电压抑制 1500瓦特瞬态电压抑制器(功500瓦的瞬变电压抑制器) 1500 Watt Transient Voltage Suppressors(???500???????靛?????? Glass passivated junction. 1500W Peak Pulse Power capability at 1.0 ms.
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. http://
|
TGF2023-05 |
25 Watt Discrete Power GaNon SiCHEMT
|
TriQuint Semiconductor
|
TGF2954-15 |
27 Watt Discrete Power GaN on SiC HEMT
|
TriQuint Semiconductor
|
TGF2023-02 |
12 Watt Discrete Power GaN on SiC HEMT
|
TriQuint Semiconductor
|
TGF2023-20 |
100 Watt Discrete Power GaN on SiC HEMT
|
TriQuint Semiconductor
|
SYC130 NEC256 SHC130 SEC130 SGC130 SRC130 NEC250 S |
LED Displays Optoelectronic From old datasheet system Intel® 82566MC Gigabit Ethernet PHY, Single Port, Pb-Free 2LI, FCBGA, Tray Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0659-0 05; No. of Positions: 18; Connector Type: Wire (degrees C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Inch type screw; MIL-C-24308 C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Locking device with rectangular mating locking base; Through hole C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Field-mounting locking device; PCB locking clip; MIL-C-24308 Optoelectronic 光电
|
IDEA NEC
AME, Inc. Sanken Electric Co., Ltd.
|
BLF872 BLF872-2015 |
UHF power LDMOS transistor UHF power LDMOS transistor - Description: UHF LDMOS POWER Transistor ; Efficiency: 55 %; Frequency band: 470-860 GHz; Output power: 300 W; Package material: SOT800A ; Power gain: 16.5 dB
|
NXP Semiconductors Quanzhou Jinmei Electro...
|
BLF573S BLF573 |
HF / VHF power LDMOS transistor A 300 W LDMOS RF power transistor for broadcast applications and industrial, scientific and medical applications in the HF to 500 MHz band. HF - VHF power LDMOS transistor
|
NXP Semiconductors N.V.
|
MPSW45_D MPSW45A ON2353 MPSW45 |
One Watt Darlington Transistors(NPN Silicon) *Motorola Preferred Device From old datasheet system
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
10BF20 10BF80 10BF10 10BF40 10BF60 10BF100 10BF100 |
DIODE 1 A, 600 V, SILICON, SIGNAL DIODE, DO-214AA, PLASTIC, SMB, 2 PIN, Signal Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 1000V 1A Ultra-Fast Discrete Diode in a SMB package 100V 1A Ultra-Fast Discrete Diode in a SMB package 200V 1A Ultra-Fast Discrete Diode in a SMB package 400V 1A Ultra-Fast Discrete Diode in a SMB package 600V 1A Ultra-Fast Discrete Diode in a SMB package 800V 1A Ultra-Fast Discrete Diode in a SMB package
|
Vishay Semiconductors International Rectifier, Corp. IRF[International Rectifier]
|
M15KP200A M15KP100A M15KP30A M15KP24A M15KP26A M15 |
15,000 Watt Transient Voltage Suppressor (TVS) Protection Device 15,000 Watt Transient Voltage Suppressor (TVS) Protection Device
|
Microsemi Corporation
|