PART |
Description |
Maker |
JR13WRR-4 JR13WCCR-4 JR13WRC-3SC JR13WRC-3S JR13WR |
TRANS PREBIASED DUAL COMP SOT363 TRANS PREBIASED PNP SOT323 DIODE ZENER SINGLE 200mW 15.2Vz 10mA-Izt 0.02535 0.05uA-Ir 12 SOD-323 3K/REEL DIODE SWITCHING SINGLE 75V 250mA-Io 400mW 4ns-trr SOD-123 3K/REEL High-performance water-proof circular connector JR-W connector 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 500mW 15.2Vz 10mA-Izt 0.02535 0.05uA-Ir 12 SOD-123 3K/REEL 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 200mW 14Vz 10mA-Izt 0.02503 0.05uA-Ir 11 SOD-323 3K/REEL 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 200MW SOT-23 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 150MW SOT523 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 200MW SOT23 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 300mW 5.1Vz 5mA-Izt 0.0588 2uA-Ir 2 SOT-23 3K/REEL 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 500mW 16.1Vz 10mA-Izt 0.02547 0.05uA-Ir 12 SOD-123 3K/REEL 高性能防水圆形连接JR钨接 DIODE SWITCHING SINGLE 75V 250mA-Io 200mW 4ns-trr SOD-323 3K/REEL 高性能防水圆形连接JR钨接 RECTIFIER STANDARD SINGLE 1A 600V 600 30A-ifsm 5uA-ir 1V-vf DO-41 1K/BULK 高性能防水圆形连接JR钨接 RECTIFIER STANDARD SINGLE 1A 600V 600 30A-ifsm 5uA-ir 1V-vf DO-41 5K/AMMO 高性能防水圆形连接JR钨接 HEATPAD TO-220 .006 K4 高性能防水圆形连接JR钨接
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
A3845SLW 3845 A3845 A3845ELW |
TRANS PREBIASED NPN 150MW SOT523 AM NOISE BLANKER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
2SK3338-01 |
TRANS PREBIASED PNP 200MW SOT323 N-CHANNEL SILICON POWER MOS-FET
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
VM138_3 VM130 VM131 VM132 VM133 VM134 VM135 VM136 |
TRANS PREBIASED PNP 150MW SOT523 Potentia l Sepa ra tionAm plifiers 电位升国家环保总局岭tionAm plifiers
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
2N2828 2N1647 |
Trans GP BJT NPN 15V 0.04A 4-Pin TO-72 Trans GP BJT NPN 50V 0.5A 3-Pin TO-39 Box
|
New Jersey Semiconductors
|
SD1538-08 2832 1538-8 |
From old datasheet system RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS TRANS PREBIASED PNP 200MW SOT323 RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS 射频
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
ZX3CDBS1M832TA |
TRANS/SCHOTTKY NPN DL 3X2MM MLP 4500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC
|
MMDT5551-TP MMDT555111 |
TRANS SS NPN DL 160V SOT-363 200 mA, 160 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR Plastic-Encapsulate Transistors
|
Micro Commercial Components, Corp.
|
DDTD113EU DDTD113EU-7 DDTD143EU DDTD143EU-7 DDTD12 |
Prebiased Transistors NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
DDTC122TE DDTC142JE DDTC142JE-7 DDTC122LE DDTC122L |
Prebiased Transistors NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
PWB PWB-5000 PWB-5001 PWB-5005 |
TRANS,WALL,9VDC/300mA,F1, 2.5X5.5mm,UL/CUL TRANS,WALL,9VDC/350mA,F2 2.1mm x 5.5 mm,UL/CUL TRANS,WALL,12VDC/200MA,F2 2.1mm X 5.5mm,RT. ANGLE TRANS,WALL,12VDC/200mA,LT GRAY F2,2.5mmX5.5mm,RANGL,UL/CSA 1-OUTPUT 5 W AC-DC REG PWR SUPPLY MODULE
|
Astrodyne, Inc.
|
PSP-500 PSP-500-5 PSP-500-15 PSP-500-24 PSP-500-48 |
TRANSDUCER,MAG,1.5Vpp @ 10mA 2048HZ @ 80db,50ohm,2 PINS TRANS,WALL,6VDC/500mA,M2 3.5mm,UL/CSA 100/cs TRANS,WALL,5VDC/225mA,F2, 2.5mm x 5.5mm,UL/CSA 40/cs PFC和并行与500W的功 TRANS,WALL,REG,6VDC/200MA, 2.1mmX5.5mm,F2,UL/CUL PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F1, 2.1mm X 5.5mm,UL,CULC-NEG PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F2 2.1mm x 5.5mm,UL/CSA 50/cs PFC和并行与500W的功 CONN,DSUB,.590"RT,25P-M, LONG,METAL HOUSING W/PC TABS PFC和并行与500W的功
|
Astrodyne, Inc.
|
|