Part Number Hot Search : 
PCP1103 45MTC P4KE47PT 4502B TB1210L 0512T SA55P DC147
Product Description
Full Text Search
  sot363 Datasheet PDF File

For sot363 Found Datasheets File :: 705    Search Time::1.594ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PDTD123EK PBSS5130T PBSS5140T PBSS5160T PBSS5230T PBSS5240T PMP5201G PMP4501G PMP4501Y PDTB123EK PDTB123ET PBSS5540Z PDT

NXP Semiconductors
Part No. PDTD123EK PBSS5130T PBSS5140T PBSS5160T PBSS5230T PBSS5240T PMP5201G PMP4501G PMP4501Y PDTB123EK PDTB123ET PBSS5540Z PDTA144EU PUMH9 PUMH2 PUMH4 PUMD6 PBSS304ND PBSS4130T PBSS4140DPN PBSS4140T BCV62C PUMD9 PMP5201Y PMEG1030EJ BCM62B BCM61B PMEG1020EH PMEG1020EJ PMEG1030EH PUMH11 BCM857BS BCM857DS PBSS5350Z PDTA114YT PDTA114TU PBSS5350D PDTA144WU PUMB4 PDTA114TT PDTC123JT PUMB9 PMP4201Y PMP4201G PUMD15 PUMD10 PUMD19 PUMD13 PUMD16 PUMD18 PUMD17 PUMD12 PUMD14 PESD5V0L1BA PBSS4350Z PBSS4350X PBSS4350T PBSS4350D PBSS4330X PBSS4320X PMD4003K PMD4002K PMD4001K PUMB2 PDTC123ET PDTC114TT PBSS4240DPN PBSS4240T PUMH10 PUMH15 PUMH13 PUMH16 PUMH17 PUMH14 PDTC114YT PBSS304PD PMEG3020EH PMEG3010CEJ PMEG3010EH PMEG3010EJ PMEG3015EH PMEG3015EJ PDTD113EK PDTA114ET PUMH20 PBSS8110D PDTC144ET PBSS5440D PMEG4010EH PMEG4010EJ PDTC124XT PBSS4160T PMEG4005EH PMEG4005EJ PMEG4005ET PESD12VL1BA PESD12VS2UAT PESD12VS2UT PMEG3005EJ PMEG3005EH PMEG3005ET PBSS8110T PBSS8110Z PMP5501Y PMP5501G PMEG3020EJ PDTD123ET PUMB11 PMEG6010AED PMEG6010CEJ PDTD113ET PDTD113ZK PDTD113ZT BCM847BS BCM847DS PMEG2005EH PMEG2005EJ PBSS9110D PBSS9110T BCV62A PBSS5540X PBSS4230T PBSS4250X PDTC143ET PBSS5320X PBSS4440D PBSS4480X PMD3
OCR Text ...package like SOT457 (SC-74) and sot363 (SC-88). Philips has all the technologies in place to lead the way in small-signal discretes products, allowing to develop automotive applications that will drive the future. Key families - Low VCEs...
Description Low VCEsat (BISS) transistors
   Low VCEsat (BISS) transistors

File Size 650.62K  /  12 Page

View it Online

Download Datasheet





    BGU7044

NXP Semiconductors
Part No. BGU7044
OCR Text ...s. the lna is housed in a 6-pin sot363 plastic smd package. 1.2 features and benefits ? voltage supply of 3.3 v ? internally biased ? gain of 14 db ? flat gain between 40 mhz and 1 ghz ? noise figure of 2.8 db ? high linearity with an ip3 o...
Description 1 GHz wideband low-noise amplifier

File Size 130.15K  /  10 Page

View it Online

Download Datasheet

    MV1638 MV1628

ON Semiconductor
Part No. MV1638 MV1628
OCR Text ...d123, sc59, sc70/sot323, sc70ml/sot363, sot23, tsop6, in 8 mm tape ? sot223 in 12 mm tape ? so14, so16 in 16 mm tape use the standard device title and add the required suffix as listed in the option table on the following page. note that th...
Description 33 pF, 20 V, SILICON, VARIABLE CAPACITANCE DIODE, DO-204AA DO-7, 2 PIN
15 pF, 20 V, SILICON, VARIABLE CAPACITANCE DIODE, DO-204AA DO-7, 2 PIN

File Size 291.75K  /  32 Page

View it Online

Download Datasheet

    MV1404 MV1403

ON Semiconductor
Part No. MV1404 MV1403
OCR Text ...d123, sc59, sc70/sot323, sc70ml/sot363, sot23, tsop6, in 8 mm tape ? sot223 in 12 mm tape ? so14, so16 in 16 mm tape use the standard device title and add the required suffix as listed in the option table on the following page. note that th...
Description 120 pF, 12 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE, DO-204AA GLASS, DO-7, 2 PIN
175 pF, 12 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE, DO-204AA GLASS, DO-7, 2 PIN

File Size 305.20K  /  33 Page

View it Online

Download Datasheet

    http://
Part No. BC856S
OCR Text ...b2 5=b2 5=b2 6=c1 6=c1 6=c1 sot363 sc74 sot363 1 pb-containing package may be available upon special request 2008-01-18 2 bc856s/u_bc857s maximum ratings parameter symbol value unit collector-emitter voltage bc856s/u bc857s v ceo ...
Description PNP Silicon AF Transistor Arrays

File Size 841.24K  /  10 Page

View it Online

Download Datasheet

    PMGD175XN

NXP Semiconductors
Part No. PMGD175XN
OCR Text sot363 surface-mounted device (smd) plastic package using trench mosfet technology. 1.2 features and benefits ? very fast switching ? trench mosfet technology 1.3 applications ? relay driver ? high-speed line driver ? low-side loadswitch ?...
Description 30 V, dual N-channel Trench MOSFET

File Size 875.34K  /  15 Page

View it Online

Download Datasheet

    74LVC2G34W6-7 74LVC2G34DW 74LVC2G34FW4-7 74LVC2G34DW-7

http://
Diodes Incorporated
Part No. 74LVC2G34W6-7 74LVC2G34DW 74LVC2G34FW4-7 74LVC2G34DW-7
OCR Text ... of package options ? sot26, sot363, and dfn1010 available in ?green? molding compound (no br, sb) ? lead free finish/ rohs compliant (note 1) applications ? voltage level shifting ? general purpose logic ? power down si...
Description DUAL BUFFER

File Size 235.77K  /  10 Page

View it Online

Download Datasheet

    NXP Semiconductors N.V.
Part No. PBSS4240Y
OCR Text ...pn low v cesat transistor in a sot363 (sc-88) plastic package. pnp complement: pbss5240y. marking note 1. * = p: made in hongkong. * = t: made in malaysia. type number marking code (1) pbss4240y 42* pinning pin description 1 ...
Description 40 V low VCEsat NPN transistor

File Size 60.28K  /  7 Page

View it Online

Download Datasheet

    BC847BPN

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. BC847BPN
OCR Text ...NP transistor pair in an SC-88; sot363 plastic package. MARKING TYPE NUMBER BC847BPN MARKING CODE 13t Fig.1 1 Top view 2 3 handbook, halfpage BC847BPN PINNING PIN 1, 4 2, 5 6, 3 emitter base collector DESCRIPTION TR1; TR2 TR1; TR2 T...
Description NPN/PNP general purpose transistor

File Size 47.51K  /  8 Page

View it Online

Download Datasheet

    74LVC2G06W6-7 74LVC2G06DW 74LVC2G06FW4 74LVC2G06DW-7 74LVC2G06FW4-7

http://
Diodes Incorporated
Part No. 74LVC2G06W6-7 74LVC2G06DW 74LVC2G06FW4 74LVC2G06DW-7 74LVC2G06FW4-7
OCR Text ... of package options ? sot26, sot363, and dfn1010 available in ?green? molding compound (no br, sb) ? lead free finish/ rohs compliant (note 1) applications ? voltage level shifting ? general purpose logic ? power down si...
Description DUAL INVERTER WITH OPEN DRAIN OUTPUTS

File Size 249.53K  /  9 Page

View it Online

Download Datasheet

For sot363 Found Datasheets File :: 705    Search Time::1.594ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sot363

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4049119949341