PART |
Description |
Maker |
SI9731 |
渭P Controlled Li-ion Battery Charger
Pulse Charges 1 to 3 Cells
Integrated MOSFETs UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries μP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries(用于1节锂电池-3节镍镍镉电池的μP控制的电池充电器)
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
LTC3625-15 LTC3625-1-15 |
1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
|
Linear Technology
|
MAX1703ESE |
1-Cell to 3-Cell / High-Power 1.5A / Low-Noise / Step-Up DC-DC Converter
|
Maxim
|
DS2781 DS2781E DS2781ETR |
From old datasheet system 1-Cell or 2-Cell Standalone Fuel Gauge IC
|
MAXIM[Maxim Integrated Products]
|
ILC6382CIP-ADJ |
1-cell to 3 cell boost with true load disconnect
|
Impala Linear Corporation
|
TC3827 TC3827-4.2VUA TC3827-4.1VUA |
The TC3827 is a battery charger controller for a single cell Li-Ion battery. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include over-current foldback, charge current monitor, Lithium-Ion Battery Charger
|
MICROCHIP[Microchip Technology]
|
MAX17048X005T10 MAX17048X004T10 MAX17048X001T10 MA |
Micropower 1-Cell/2-Cell Li ModelGauge ICs
|
MAXIM - Dallas Semiconductor
|
EPF10K50RC240 EPF10K10LC84-4 EPF10K20TI144-4 EPF10 |
Embedded Programmable Logic Device Family IC,FPGA,1152-CELL,CMOS,QFP,144PIN,PLASTIC IC,FPGA,576-CELL,CMOS,LDCC,84PIN,PLASTIC IC,FPGA,360-CELL,CMOS,QFP,240PIN,PLASTIC
|
Altera Corporation
|
LC4256 LC4384V75T176C LC4512 LC4128 LC4064 LC4032 |
IC,COMPLEX-EEPLD,256-CELL,3.8NS PROP DELAY,QFP,100PIN,PLASTIC IC,COMPLEX-EEPLD,384-CELL,10NS PROP DELAY,QFP,176PIN,PLASTIC IC,COMPLEX-EEPLD,512-CELL,4.5NS PROP DELAY,QFP,176PIN,PLASTIC System Programmable Super Fast High Density PLDs IC,COMPLEX-EEPLD,64-CELL,3.2NS PROP DELAY,QFP,100PIN,PLASTIC IC,COMPLEX-EEPLD,32-CELL,3.2NS PROP DELAY,TQFP,48PIN,PLASTIC
|
Lattice Semiconductor Corp
|
AT40K-FFT AT40K05LV AT40K20 AT40K20LV AT40K40 AT40 |
AT40K-FFT [Updated 8/98. 8 Pages] Fast fourier transform Intellectual Property Core for AT40K FPGAs From old datasheet system 5K - 50K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam. 20K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 20K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 40K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 10K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 10K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 5K - 50K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 5K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V)
|
Atmel Corp
|
RT9516 |
Linear Single Cell Li-lon Battery Charger with Single Input Supply for Portable Applications
|
Richtek Technology Corporation
|
MP3302DJ MP3302DD |
40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
|
Monolithic Power Systems
|