Part Number Hot Search : 
2N120 SY89874U TP1105 UPD70 SM3015 53101 B31N20D PCA7414
Product Description
Full Text Search

F09B125V15A - APOLO7 RV1.2,1.1V,105C THREE PHASE PRE-DRIVER Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:14:1; Sensing Face Type:Germanium; Sensor Terminals:Solder Lug/Quick Connect; Features:Germanium Lens; Response Time:75ms Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:6:1; Sensing Face Type:Enclosed Plastic; Sensor Terminals:Solder Lug/Quick Connect; Features:Enclosed Plastic Face; Response Time:75ms RoHS Compliant: NA Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:65pF/ft RoHS Compliant: Yes Belden Shielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper Stranded, Shielding: Beldfoil, Jacket: PVC Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:38pF/ft RoHS Compliant: Yes Connector assemblies, Audio/RF/Video cables; MILITARY COMPONENTS FUSES 军用规格保险 ; Sensor Input Type:Optical; Sensing Range Max:213m; Sensor Output:NPN/PNP 军用规格保险 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 军用规格保险 Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes 军用规格保险 MPC3 PC AMPLIFIER 军用规格保险

F09B125V15A_474574.PDF Datasheet

 
Part No. F09B125V15A F03B125V15A F09B125V12A FM08A125V1/2A F09A250V7A F09B250V7A F02A250V4A F03A250V4A F09A250V4A F03A250V2A F09A250V2A F09B250V2A FM10A125V1/16A F09B250V21/2A F03A250V1/2A F09B250V1/2A F60C500V1/2A F01A125V11/2A F01A125V21/2A FM08A125V21/2A F03B125V61/4A F01A125V16/10A F60C500V2/10A F09B250V6/10A F09B250V56/10A F02A125V10A F02A250V3/10A F02A250V5A FM07A125V1/100A FM07A125V2/10A FM07A125V5A
Description APOLO7 RV1.2,1.1V,105C
THREE PHASE PRE-DRIVER
Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:14:1; Sensing Face Type:Germanium; Sensor Terminals:Solder Lug/Quick Connect; Features:Germanium Lens; Response Time:75ms
Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:6:1; Sensing Face Type:Enclosed Plastic; Sensor Terminals:Solder Lug/Quick Connect; Features:Enclosed Plastic Face; Response Time:75ms RoHS Compliant: NA
Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:65pF/ft RoHS Compliant: Yes
Belden Shielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper Stranded, Shielding: Beldfoil, Jacket: PVC
Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:38pF/ft RoHS Compliant: Yes
Connector assemblies, Audio/RF/Video cables;
MILITARY COMPONENTS FUSES 军用规格保险
; Sensor Input Type:Optical; Sensing Range Max:213m; Sensor Output:NPN/PNP 军用规格保险
; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 军用规格保险
Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes 军用规格保险
MPC3 PC AMPLIFIER 军用规格保险

File Size 26.14K  /  4 Page  

Maker

Littelfuse, Inc.



Homepage
Download [ ]
[ F09B125V15A F03B125V15A F09B125V12A FM08A125V1/2A F09A250V7A F09B250V7A F02A250V4A F03A250V4A F09A25 Datasheet PDF Downlaod from Datasheet.HK ]
[F09B125V15A F03B125V15A F09B125V12A FM08A125V1/2A F09A250V7A F09B250V7A F02A250V4A F03A250V4A F09A25 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for F09B125V15A ]

[ Price & Availability of F09B125V15A by FindChips.com ]

 Full text search : APOLO7 RV1.2,1.1V,105C THREE PHASE PRE-DRIVER Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:14:1; Sensing Face Type:Germanium; Sensor Terminals:Solder Lug/Quick Connect; Features:Germanium Lens; Response Time:75ms Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:6:1; Sensing Face Type:Enclosed Plastic; Sensor Terminals:Solder Lug/Quick Connect; Features:Enclosed Plastic Face; Response Time:75ms RoHS Compliant: NA Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:65pF/ft RoHS Compliant: Yes Belden Shielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper Stranded, Shielding: Beldfoil, Jacket: PVC Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:38pF/ft RoHS Compliant: Yes Connector assemblies, Audio/RF/Video cables; MILITARY COMPONENTS FUSES 军用规格保险 ; Sensor Input Type:Optical; Sensing Range Max:213m; Sensor Output:NPN/PNP 军用规格保险 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 军用规格保险 Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes 军用规格保险 MPC3 PC AMPLIFIER 军用规格保险


 Related Part Number
PART Description Maker
F09B125V15A F03B125V15A F09B125V12A FM08A125V1/2A APOLO7 RV1.2,1.1V,105C
THREE PHASE PRE-DRIVER
Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:14:1; Sensing Face Type:Germanium; Sensor Terminals:Solder Lug/Quick Connect; Features:Germanium Lens; Response Time:75ms
Infrared Temperature Sensor; Sensor Output:0 - 10VDC; Field of View:6:1; Sensing Face Type:Enclosed Plastic; Sensor Terminals:Solder Lug/Quick Connect; Features:Enclosed Plastic Face; Response Time:75ms RoHS Compliant: NA
Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:65pF/ft RoHS Compliant: Yes
Belden Shielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper Stranded, Shielding: Beldfoil, Jacket: PVC
Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:38pF/ft RoHS Compliant: Yes
Connector assemblies, Audio/RF/Video cables;
MILITARY COMPONENTS FUSES 军用规格保险
; Sensor Input Type:Optical; Sensing Range Max:213m; Sensor Output:NPN/PNP 军用规格保险
; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 军用规格保险
Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes 军用规格保险
MPC3 PC AMPLIFIER 军用规格保险
Littelfuse, Inc.
 
 Related keyword From Full Text Search System
F09B125V15A ic中文资料网 F09B125V15A molex F09B125V15A 中文 F09B125V15A regulator F09B125V15A file
F09B125V15A microsemi F09B125V15A battery mcu F09B125V15A Integrate F09B125V15A Instruments F09B125V15A application
 

 

Price & Availability of F09B125V15A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.16549897193909