PART |
Description |
Maker |
V23818-N15-L356 V23818-N15-L356-C V23818-M305-L57 |
Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LCConnector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC Connector/ with Collar Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector SMALL FORM FACTOR MULTIMODE 850 NM 2.125 AND 1.0625 GBD FIBRE CHANNEL 2X5 TRANSCEIVER WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC Connector
|
Infineon Technologies AG
|
125AND10625GBDLC2X5E |
Transceivers by Form-factor MSA - Mulltimode 850nm -40C to 85C
|
Infineon
|
HFBR-5963ALZ |
Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
|
AVAGO TECHNOLOGIES LIMI...
|
V23849-R35-C55 V23849-R36-C55 |
Transceivers by Form-factor MSA - iSFP? 1.25 Gbit/s GBE; 4.25/2.125/1.0625 Gbit/s FC, 850 nm; MM; LC; common ground sheme Transceivers by Form-factor MSA - iSFP? 1.25 Gbit/s GBE; 4.25/2.125/1.0625 Gbit/s FC, 850 nm; MM; LC; separated ground sheme
|
Infineon
|
V23818-K305-L17 V23818-K305-L55 V23818-K305-L57 V2 |
Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX, (AC/AC coupling), 1.25 GBit/s LC, 2x5, 3.3V Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC Connector Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC⑩ Connector SMALL FORM FACTOR MULTIMODE 850 NM 1.0625 GBD FIBRE CHANNEL 1.25 GIGABIT ETHERNET TRANSCEIVER 2X5 PINNING WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LCConnector
|
Infineon Technologies AG
|
AFCT-5715LZ |
Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
|
AVAGO TECHNOLOGIES LIMI...
|
AFBR-5710ALZ AFBR-5710APZ AFBR-5710LZ AFBR-5710PZ |
Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
AFBR-5710PZ AFBR-5715PZ-JU1 |
Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
|
AVAGO TECHNOLOGIES LIMITED
|
HFCT-5943L HFCT-5943AG |
Optoelectronic 光电 2488Mb/s Single mode Small Form Factor Transceivers with LC connector No nose shield. 0C to 70C 2488Mb / s的单一模式LC连接器没有鼻子屏蔽纤巧收发器0C0C
|
Avago Technologies, Ltd. Lumex, Inc.
|
HFBR-5710L HFBR-5710LP HFBR-0571 |
HFBR-0571 · Evaluation Kit for Small Form Factor Pluggable (SFP) Gigabit Ethernet and Fibre Channel Applications HFBR-5710L · 1.25 GBd MMF Small Form Factor Pluggable (SFP) Transceiver for Gigabit Ethernet: Standard delatch HFBR-5710LP · 1.25 GBd MMF Small Form Factor Pluggable (SFP) Transceiver for Gigabit Ethernet: Bail-wire delatch Small Form Factor Pluggable Optical Transceiver for Gigabit
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HFBR-0559 HFBR-5903 HFBR-5903A HFBR-5903E |
Evaluation Kit for Fast Ethernet for multimode 评估板快速以太网多模 HFBR-0559 · Evaluation Kit for Fast Ethernet for multimode HFBR-5903 · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet HFBR-5903A · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Temperature HFBR-5903E · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Shield FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) http://
|
LA-024-12-02-00-00 |
Compact form factor
|
Laird Tech Smart Techno...
|