Part Number Hot Search : 
LGH5015 03952 R5150 MBR645 1N4748 RGC20G A3030 15KE350C
Product Description
Full Text Search
  gbit s Datasheet PDF File

For gbit s Found Datasheets File :: 779    Search Time::1.593ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PTN3381DBS

NXP Semiconductors
Part No. PTN3381DBs
OCR Text ...ential output signals, up to 3 gbit/s to support 36-bit deep color, 3d and 3 gbit/s modes. each of these channels prov ides a level-shifting differential buffer to translate from low-swing ac-coupled differ ential signaling on the source...
Description Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detection and supporting deep color mode
Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detection and supporting 3 gbit/s operation

File Size 271.50K  /  30 Page

View it Online

Download Datasheet





    HYS72T1G242EP-3.7-C

Qimonda AG
Part No. HYs72T1G242EP-3.7-C
OCR Text ...te modules built with stacked 2 gbit (1gbit dual dies) ddr2 sdrams in p-tf bga-63 chipsize packages. ? standard double-data-rate-two synchr...s) on the dimm when both inputs are high. when s is high, all register outputs (except ck, odt and...
Description 240-Pin Dual Die Registered DDR2 sDRAM Modules 1G X 72 DDR DRAM MODULE, 0.7 ns, DMA240

File Size 1,306.23K  /  43 Page

View it Online

Download Datasheet

    Numonyx Asia Pacific Pte, Ltd.
Part No. NAND32GW3D4AN1F NAND32GW3D4AN1E
OCR Text ... rev 2 1/17 1 nand32gw3d4a 32-gbit (2 x 16 gbits), two chip enable, 4224-byte page, 3 v supply, multilevel, mult iplane, nand flash memory...s (max) ? sequential access: 25 ns (min) ? page program operation time: 800 s (typ) multipage progr...
Description 4G X 8 FLAsH 3V PROM, 25 ns, PDsO48 12 X 20 MM, ROHs COMPLIANT, PLAsTIC, TsOP-48

File Size 377.45K  /  17 Page

View it Online

Download Datasheet

    HYB18T1G161C2F-20

Qimonda AG
Part No. HYB18T1G161C2F-20
OCR Text gbit double-data-rate-two sdram ddr2 sdram eu rohs compliant products internet data sheet rev. 1.00 august 2008 internet dat...s at a t case lower than 85c, 3.9 s between 85c and 95c ? full strength and reduced strength (6...
Description 64M X 16 DDR DRAM, 0.45 ns, PBGA84 GREEN, PLAsTIC, TFBGA-84

File Size 1,415.55K  /  40 Page

View it Online

Download Datasheet

    TZA3015HW

PHILIPS[Philips Semiconductors]
Part No. TZA3015HW
OCR Text gbit/s A-rateTM 4-bit fibre optic transceiver Preliminary specification supersedes data of 2003 Oct 06 2003 Dec 16 Philips semiconductors Preliminary specification 30 Mbit/s to 3.2 gbit/s A-rateTM 4-bit fibre optic transceiver FE...
Description 30 Mbit/s to 3.2 gbit/s A-rate 4-bit fibre optic transceiver

File Size 317.22K  /  67 Page

View it Online

Download Datasheet

    VSC8162

Vitesse Semiconductor Corporation
ETC
Part No. VsC8162
OCR Text ...al Data sampling Point 2.488 gbit/sec sONET/sDH 1:16 Demux with Clock Recovery * Differential Low speed Outputs * Differential/single-...s NRZ data stream. An on-chip Phase Locked Loop (PLL) generates a 2.488GHz clock which remains phase...
Description 2.488 gbit/sec sONET/sDH 1:16 Demux with Clock Recovery

File Size 151.20K  /  20 Page

View it Online

Download Datasheet

    VSC8164 VSC8164QR SC8164

Vitesse Semiconductor Corporation.
ETC
VITESSE[Vitesse Semiconductor Corporation]
Part No. VsC8164 VsC8164QR sC8164
OCR Text ...EC rates up to 2.7Gb/s 2.488 gbit/sec to 2.7gbit/sec 1:16 sONET/sDH Demux * Differential LVPECL Low speed Interface * single +3.3V supply * 128 Pin 14x20mm PQFP Package General Description The VsC8164 is a 1:16 demultiplexer for u...
Description 2.488 gbit/sec to 2.7gbit/sec 1:16 sONET/sDH Demux

File Size 152.63K  /  16 Page

View it Online

Download Datasheet

    Numonyx Asia Pacific Pte, Ltd.
Part No. NAND32GW3D4AN6F
OCR Text ... rev 4 1/17 1 nand32gw3d4a 32-gbit (2 x 16 gbits), two chip enable, 4224-byte page, multilevel cell, 3 v supply, mu ltiplane, nand flash m...s (max) ? sequential access: 25 ns (min) ? page program operation time: 800 s (typ) multipage progr...
Description 4G X 8 FLAsH 3V PROM, 25 ns, PDsO48 12 X 20 MM, ROHs COMPLIANT, PLAsTIC, TsOP-48

File Size 378.67K  /  17 Page

View it Online

Download Datasheet

    3CN00217FA 3CN00217CA

Glenair, Inc.
Part No. 3CN00217FA 3CN00217CA
OCR Text ...onet systems operating at 2.488 gbit/s & 2.666 gbit/s and exceeds the applicable itu-t g.957, itu-t g.783, itu-t g.692 and bellcore gr-253 standards. features ? bit rate 2.488 gbit/s & 2.666 gbit/s (fec) ? sensitivity with preamplifier ...
Description 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 电信提供数据通信

File Size 123.27K  /  4 Page

View it Online

Download Datasheet

For gbit s Found Datasheets File :: 779    Search Time::1.593ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of gbit s

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.79666090011597