PART |
Description |
Maker |
HC9P5504B-5X96 |
SLIC: EIA/ITU PABX SLIC With 40mA Loop Feed: Tape And Reel
|
Intersil Corporation
|
HC4P5504B1-5 HC-5504B1 |
ITU Low Cost/ PABX SLIC With 40mA Loop Feed ITU Low Cost PABX SLIC With 40mA Loop Feed ITU Low Cost, PABX SLIC With 40mA Loop Feed
|
INTERSIL[Intersil Corporation]
|
HC4P5502B-5 HC3-5502B-5 HC-5502B HC-5502B_03 HC-55 |
EIA/ITU PABX SLIC with 30mA Loop Feed
|
INTERSIL[Intersil Corporation]
|
HC4P5524-9 HC9P5524-5 HC-5524 |
EIA/ITU 24V PABX SLIC with 25mA Loop Feed
|
INTERSIL[Intersil Corporation]
|
HC5526 |
ITU CO/PABX SLIC with Low Power Standby(用户线接口电路(SLIC)) 国际电联合作/交换机用户接口的低功耗待机(用户线接口电路电路(SLIC))
|
Intersil Corporation Intersil, Corp.
|
HC5515 |
SLIC, ITU CO/PABX, with Low Power Standby, Polarity Reversal
|
Intersil
|
L3234 L3235 |
HIGLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
|
ST Microelectronics
|
MAX6410 MAX6407 MAX6406 MAX6408 MAX6409BS45-T MAX6 |
Voltage Detectors in 4-Bump (2 x 2) Chip-Scale Package VoIP Ringing SLIC; Temperature Range: 0°C to 70°C; Package: 28-PLCC VoIP Ringing SLIC; Temperature Range: 0°C to 70°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 ITU CO/PABX SLIC with Low Power Standby; Temperature Range: 0°C to 70°C; Package: 28-PLCC Round Conductor Flat Cable, 3754/50 30 AWG, .025 (0.64) Round Conductor Flat Cable, 3754/34 30 AWG, .025 (0.64) Round Conductor Flat Cable, 3754/20 30 AWG, .025 (0.64) Low-Capacitance 3-Channel /-15KV ESD-Protection Array for High-Speed Data Interfaces 5-SOT -40 to 85 Round Conductor Flat Cable, 3754/68 30 AWG, .025 (0.64) 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 24-BGA MICROSTAR JUNIOR -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MC3488A |
Dual EIA-423/EIA-232D Line Driver
|
ON Semiconductor
|
MH88612BV-2 MH88612B |
Short loop SLIC with 2-4 wire conversion 600 Ohms line impedance Subscriber Line Interface Circuit (SLIC)
|
ZARLINK[Zarlink Semiconductor Inc]
|
TISP61089B TISP61089BDR-S |
High Voltage Ringing SLIC Protector PROTECTOR - PROGRAMMABLE SLIC PROTECT TELECOM, SURGE PROTECTION CIRCUIT, PDSO8
|
Bourns Electronic Solutions Bourns, Inc.
|