Part Number Hot Search : 
18240450 15KP17A SD101BW 3301R MX25L32 G205I AN7381 GC1000
Product Description
Full Text Search
  40ma Datasheet PDF File

For 40ma Found Datasheets File :: 6407    Search Time::1.079ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    UR6225

UTC[Unisonic Technologies]
Part No. UR6225
OCR Text ...IT V mA VOUT(E)(Note2) IOUT=40ma, VIN=6.0V VIN=6.0V IOUT(max) VOUT(E)4.5V VOUT 4.900 5.000 5.100 VIN=6.0V 1mAIOUT100mA IOUT=100mA IOUT=200mA VIN=6.0V IOUT=40ma 6.0VVIN10.0V 40 120 380 2.0 0.2 80 300 600 4.5 0.3 10 mV mV ...
Description POSITIVE VOLTAGE REGULATOR

File Size 193.79K  /  18 Page

View it Online

Download Datasheet





    http://
PANASONIC[Panasonic Semiconductor]
Part No. 2SC4985
OCR Text ...5V, IC = 500mA IC = 200mA, IB = 40ma IC = 200mA, IB = 40ma VCB = 10V, IE = -50mA, f = 200MHz IC = 200mA, IB1 = 40ma, IB2 = -80mA, VCC = 250V 80 1 3 1 800 6 3 1.5 1 V V MHz s s s min typ max 50 50 Unit A A V 1 Power Transistors PC -- ...
Description Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)

File Size 38.38K  /  2 Page

View it Online

Download Datasheet

    IDTVS512 IDTVS512QG IDTVS512QGT

IDT
Integrated Device Technology
Part No. IDTVS512 IDTVS512QG IDTVS512QGT
OCR Text ...C = Min., 1.5 VIN VCC, IIN = -40ma VCC = Min., VIN @ 1.5V and VCC, IIN = -40ma VCC = Min., 1.5 VIN VCC, IIN = -40ma Min. Typ.2 2 -0.5 -- -- -- -- -- -- -- -- -- -0.7 -- -- -- 4 1 0.9 Max. Unit -- 0.8 -1.2 5 5 -- 8 -- 2 A V RFLAT(ON)...
Description WIDE BANDWIDTH VIDEO SIGNAL SWITCH, 5 PORT

File Size 102.19K  /  8 Page

View it Online

Download Datasheet

    2SA2016 2SC5569

SANYO[Sanyo Semicon Device]
Part No. 2SA2016 2SC5569
OCR Text ...oltage VCE(sat) IC=(-)2A, IB=(-)40ma Base-to-Emitter Saturation Voltage Collector-to-Base Breakdown Voltage Collector-to-Emitter Breakdown Voltage Emitter-to-Base Breakdown Voltage Turn-ON Time Storage Time Fall Time VBE(sat) IC=(-)2A, IB=(...
Description    DC/DC Converter Applications
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
DC/DC Converter Applications 直流/直流转换器应

File Size 48.94K  /  5 Page

View it Online

Download Datasheet

    SANYO[Sanyo Semicon Device]
Part No. 2SC5991
OCR Text ...MHz IC=3.5A, IB=175mA IC=2A, IB=40ma IC=2A, IB=40ma IC=10A, IE=0 IC=100A, RBE=0 IC=1mA, RBE= IE=10A, IC=0 See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. 100 100 50 6 30 420 25 Ratings min typ 330 28 105 ...
Description DC / DC Converter Applications

File Size 37.45K  /  4 Page

View it Online

Download Datasheet

    GP1S74PJ000F

Sharp Electrionic Components
Part No. GP1S74PJ000F
OCR Text ...R=3V VCE=20V VCE=5V, IF=20mA IF=40ma, IC=0.5mA VCE=2V, IC=2mA, RL=100 MIN. - - - 0.5 - - - TYP. 1.2 3 - 1 - - 3 4 (Ta=25C) MAX. Unit 1.4 V 4 V 10 A 100 nA 15 mA 0.4 V 15 s 20 Sheet No.: D3-A04401EN 4 GP1S74PJ000F Fig.1 Forwar...
Description Gap : 5mm Slit : 0.5mm Phototransistor Output, Snap-in fi xing Transmissive Photointerrupter with Connector

File Size 145.96K  /  12 Page

View it Online

Download Datasheet

    GP1S10

Sharp Electrionic Components
Part No. GP1S10
OCR Text ... = 20V IF = 20mA, VCE = 5V IF = 40ma, I C = 0.2mA VCE = 2V, I C = 2mA RL = 100 MIN. 0.4 TYP. 1.2 3 10 - 9 3 4 ( Ta = 25C ) MAX. 1.4 4 10 10 - 7 15 0.4 15 20 Unit V V A A mA V s s Input Output Transfer characteristics Fig. 1 Forwa...
Description Photointerrupter with Dust Cover

File Size 54.82K  /  4 Page

View it Online

Download Datasheet

    SANYO[Sanyo Semicon Device]
Part No. 5HP01SP 5HP01S
OCR Text ... 10V, I D=- 100A VDS=-10V, I D=-40ma ID=- 40ma, V GS =- 10V ID=- 20mA, V GS =- 4V Ratings min -50 - 10 10 -1 50 70 17 23 22 32 -2.5 typ max Unit V A A V mS Zero-Gate V oltage Drain Current Gate-to-Sourse Leakage Current Cutoff Voltage ...
Description    5HP01SP
PicoMOSFET Series

File Size 27.61K  /  4 Page

View it Online

Download Datasheet

For 40ma Found Datasheets File :: 6407    Search Time::1.079ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 40ma

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3468010425568