PART |
Description |
Maker |
CR2010 CR1206 |
Surface Mounted Resistors
|
Welwyn Components Limited
|
Z1SMA200 Z1SMA110 Z1SMA130 |
200 V, 5 mA, 1 W surface mounted glass passivated zener diode 110 V, 5 mA, 1 W surface mounted glass passivated zener diode 130 V, 5 mA, 1 W surface mounted glass passivated zener diode
|
Fagor
|
SS1200 |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER For surface mounted applications
|
Chendahang Electronics Co., Ltd
|
SBYV26C SBYV26D SBYV26F SBYV26G SBYV26A SBYV26B SB |
Ultra Fast Recovery Pack: GF1 SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE拢潞 200 to 1400V CURRENT: 1.0A SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE 200 to 1400V CURRENT: 1.0A
|
Gulf Semiconductor
|
AT90S2313-4PC AT90S2313-4PI AT90S2313-4SC AT90S231 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash Surface Mount Resistors Thick Film Chip Resistors
|
Atmel Corp.
|
WSL1206R1000FEA18 WSL12061L000FTB18 VISHAYDALE-WSL |
Metal Strip/Wire Resistor, RESISTOR, CURRENT SENSE, METAL STRIP, 0.5 W, 1 %, 75 ppm, 0.1 ohm, SURFACE MOUNT, 1206, CHIP, GREEN RES METAL STRP 1206 1M OHM 1% 1/2W 275PPM/ C SMD - Tape and Reel Power Metal Strip Resistors, High Power Low Value, Surface Mount Power Metal Strip Resistors, High Power (2 x Standard WSL), Low Value (Down to 0.0005 Ohm), Surface Mount Power Metal Strip? Resistors, High Power (2 x Standard WSL), Low Value (Down to 0.0005 ?, Surface Mount Power Metal Strip? Resistors, High Power (2 x Standard WSL), Low Value (Down to 0.0005 Ohm), Surface Mount Power Metal Strip? Resistors, High Power (2 x Standard WSL) Low Value Surface Mount Power Metal Strip Resistors, High Power Low Value, Surface Mount
|
Vishay Dale Vishay Siliconix
|
TSSOP20 |
Surface mounted
|
Zetex Semiconductors
|
EMP213-Q5 |
12.5 - 16.5 GHz Surface-Mounted PA
|
Excelics Semiconductor, Inc.
|
EMP106-Q5 |
5.0 - 6.4 GHz Surface-Mounted PA
|
Excelics Semiconductor, Inc.
|
PTCRXXX |
Surface Mounted Thermistors
|
ETC
|
EMP108-Q5 |
7.0 - 9.5 GHz Surface-Mounted PA
|
Excelics Semiconductor, Inc.
|