PART |
Description |
Maker |
UBB12/3D24 UBB12/2.5Q48 UBB5/6Q48 UBB5/7D24 UBB15/ |
8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 模拟IC
|
NEC, Corp.
|
SPC560D30L1B4E0X SPC560D30L3B4E0X SPC560D40L1B4E0X |
32-bit MCU family built on the Power Architecture for automotive body electronics applications 32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
STMicroelectronics ST Microelectronics
|
ST72141K2-AUTO |
8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
|
STMicroelectronics
|
ST72215GX-AUTO ST72216GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST72124JX-AUTO ST72334J4TA_XXX ST72334J4TB_XXX ST7 |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
|
STMicroelectronics
|
SPC563M64L7COAR SPC563M64L7COAY SPC563M64L7COBR SP |
32-bit Power Architecture MCU for Automotive Powertrain Applications
|
ST Microelectronics
|
ST72F324BK6TCS ST72F324BK6TCTXS ST72F324BK6TAS ST7 |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 32 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI 8-bit MCU for automotive, 3.8 to 5.5V operating range with 16 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI 8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI 8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI
|
ST Microelectronics
|
SPC560P54L5CEFAY SPC560P60L3CEFAY SPC560P60L5CEFAY |
32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
|
ST Microelectronics
|
STM8AL3138TCY STM8AL3148TCY STM8AL3166TCY STM8AL3L |
Automotive 8-bit ultralow power MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive 8-bit ultralow power MCU with 16 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive 8-bit ultralow power MCU with 32 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive 8-bit LCD ultralow power MCU with 16 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive 8-bit LCD ultralow power MCU with 32 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
STM8AF5269 STM8AF528A STM8AF5268 STM8AF526X STM8AF |
Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
|