PART |
Description |
Maker |
RM-06-R RM-03-T-R RMR-03-T-R RM-10-T RM-03-R RM-06 |
SURFACE MOUNTING TYPE DIP SWITCH 表面贴装型拨动开
|
DB Lectro Inc. DB Lectro, Inc.
|
EE2-5NU EE2-12NUX-R EE2-12NUX-L EE2-12NUX EE2-12NU |
POWER/SIGNAL RELAY, DPDT, LATCHED, 12VDC (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type Compact and lightweight High breakdown voltage Surface mounting type Replaced by PCM1602A : 105dB SNR 6-Channel Audio DAC 48-LQFP OSC 5V SMT PLAS 14X9 CMOS 105dB SNR 8-Channel Audio DAC 28-SSOP/QSOP -25 to 70 Replaced by PCM1754 : 97dB SNR Stereo DAC 14-SOIC Replaced by PCM1609A : 105dB SNR 8-Channel Audio DAC 48-LQFP 105dB SNR 8-Channel Audio DAC 48-LQFP -25 to 85 Serial Interrupt Stream Deserializer 48-LQFP Compact and lightweight, High breakdown voltage, Surface mounting type 小巧轻盈,击穿电压高,表面安装型 Replaced by PCM1798 : 106dB SNR Stereo DAC 28-SSOP 小巧轻盈,击穿电压高,表面安装型 Compact and lightweight/ High breakdown voltage/ Surface mounting type
|
NEC TOKIN CORP NEC[NEC] NEC Corp. NEC, Corp.
|
EF2-1.5NU EF2-1.5T EF2-1.5TNUX EF2-12NUH EF2-12TNU |
Ultra-low power/ compact and lightweight/ High breakdown voltage/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; ADC Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Differential Inputs; Data Interface:Serial; Package/Case:24-SOIC; Interface Type:Serial POWER/ENERGY MEASURE, SMD, SSOP28; Pins, No. of:28; Case style:SSOP; Base number:5467; Termination Type:SMD RoHS Compliant: Yes Marker Strip; External Height:.135"; External Width:1.13"; Label Material:Vulcanized Fiber 超低功耗,结构紧凑,重量轻,高击穿电压,表面安装型 Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type 超低功耗,结构紧凑,重量轻,高击穿电压,表面安装型 CONNECTOR ACCESSORY 连接器附 Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
|
NEC Corp. NEC, Corp.
|
PM3700-80-RC PM3700-30-RC |
Power Inductor; Series:PM3700; Inductance:750uH; Terminal Type:PCB Surface Mount; Current Rating:5.5A; Frequency Max:20MHz; Frequency Min:1MHz; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape
|
Bourns Inc.
|
RLZSERIES |
Small surface mounting type.
|
TY Semiconductor Co., L...
|
RB501S-40 |
Small surface mounting type.
|
TY Semiconductor Co., Ltd
|
RB461F |
Small surface mounting type. (UMD3)
|
TY Semiconductor Co., Ltd
|
KB411D |
Small surface mounting type, High reliability.
|
TY Semiconductor Co., Ltd
|
EB2 |
COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
|
NEC Corp.
|
JRC0428 |
miniature lens type designed for surface mounting
|
IDEA.lnc.
|
JYC0158 |
miniature chip type designed for surface mounting
|
IDEA.lnc.
|