PART |
Description |
Maker |
BC846AW BC848AW-7-F BC848BW-7-F BC846BW BC847CW-7- |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANS NPN BIPOLAR 45V SOT-323 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
CMLT491E |
SMD Small Signal Transistor NPN Low VCE(SAT) SURFACE MOUNT PICOmini NPN SILICON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
PZT2222AT1 PZT2222AT1_D ON2778 PZT2222AT1D PZT2222 |
SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-261AA From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc]
|
BC847BLP4-7B BC847BLP4-7 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 45V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 45V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
BCW65 BCW66F BCW66G BCW65A |
SURFACE MOUNT NPN SILICON TRANSISTOR 800 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
http:// Central Semiconductor Corp Central Semiconductor C...
|
DXT2222A-13 DXT2222A |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEEN, PLASTIC, SOT89-3L, 4 PIN NPN SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
2DD2678-13 2DD2678 2DD2678-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC, 4 PIN LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
61084-300 61084 61084-001 61084-002 61084-101 6108 |
TV 29C 29#20 PIN PLUG 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR TV 42C 36#22D 6#8(TWINAX) SKT 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
CMPT3820 CMPT3820-15 |
SURFACE MOUNT VERY LOW VCE(SAT) NPN SILICON TRANSISTOR SURFACE MOUNT VERY LOW NPN SILICON TRANSISTOR
|
Central Semiconductor Corp Central Semiconductor C...
|
2N2484CSM 2N2484ACSM |
60V Vce, 0.05A Ic NPN bipolar transistor 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
Electronic Theatre Controls, Inc. SEME-LAB[Seme LAB] SemeLAB
|
DDC123JH DDC123JH-7 DDC114EH DDC114TH DDC114TH-7 D |
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR 70 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc. DIODES[Diodes Incorporated]
|