Part Number Hot Search : 
AD1674J Z00AV AS01A ILC1832M C864132 23226403 2N971 FDH300
Product Description
Full Text Search

AI3D5 - 8 MINI MAP,PB/HALO FREE,NIPDAU LF,1.8V(SERIAL EE) 8 ULTRA THIN MINI MAP,PB/HALO FREE,1.8V(SERIAL EE) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 1; Comments: High-rugged type; V_CES (V): (max 1200) Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: standard; Internal Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: low VF; Internal 10MS, 8 EIAJ, IND TEMP, GREEN, 1.8V(SERIAL EE) Stepping Motor Driver ICs; Function: Driver; Vopmax (Vm*): 34V (40V); Io (lpeak): 1.5A (1.8A); Excitation: 1/16 step; I/F: CLK input; Mixed Decay Mode: included; Package: HSOP36; RoHS Compatible: yes 250NS,32LCC,883C; LEV B FULLY COMPLIANT(EEPROM) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(N); Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; No Of Circuits: New product; Comments: 2.9; V_CES (V): (max 400) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min -0.6) (max -1.1); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 0.5) (max 1.2); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 1.1) (max 1.8); R DS Dual/Quad Zero-Drift Operational Amplifiers; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C 10MS, DIE, 1.8V, 11 MILS THICKNESS(SERIAL EE) General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High current; Part Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: high breakdown Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: low VF; Internal General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: Low-noise; Part General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High voltage SW; Part Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min 0.6) (max 1.1); R DS On (Ω): 5.2 (max 15); Drain-Source Voltage (V): (max 20); Drain Current (mA): (max 100) 10MS, 8 TSSOP, EXT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 TSSOP, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE) DIE/WAFER FORM(EEPROM) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: ES6; Number of Pins: 6; V th (V): (min 0.5) (max 1.1); R DS On (Ω): 0.140 (max 0.180) 0.120 (max 0.145); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 500) High-Frequency Schottky Barrier Diodes; Surface Mount Type: Y; Package: VESM; Number Of Pins: 3; Application Scope: VHF, UHF MIX; V F (V): 0.25; C T (pF): 0.6; V R (V): (max 4); Average Forward Current I_F Max (mA): (max 25) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min -0.6) (max -1.1); R DS On (Ω): 18 (max 45); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -100) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: UF6; Number of Pins: 6; V th (V): (min 0.8) (max 2); R DS On (Ω): 0.33 (max 0.44) 0.23 (max 0.3); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 2000) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 20 (max 40); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min 2) (max 3.5); R DS On (Ω): 0.6 (max 1); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 200) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 2.4 (max 4); Drain-Source Voltage (V): (max -30); Drain Current (mA): (max -200) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -2) (max -3.5); R DS On (Ω): 1.3 (max 2); Drain-Source Voltage (V): (max -60); Drain Current (mA): (max -200) 10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) Logic IC 逻辑IC Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 2; Comments: Non isolation package; V_CES (V): (max 900) 逻辑IC 90NS, VSOP, IND TEMP(EPROM) 逻辑IC Dual -48V Supply and Fuse Monitor; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 逻辑IC 45NS, SOIC, IND TEMP(EPROM) 逻辑IC Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min 0.8) (max 1.5); R DS On (Ω): 4 (max 7); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 100) 逻辑IC

AI3D5_369703.PDF Datasheet

 
Part No. AI3D5 AI3D9 AI3D7 AI3D8 AI3D6 AM2D8 AM2D55J FAM2D5 FAM2D12G FAM2D15J AI3D13G AI4D7 AI4D8 AI4D5 AI4D6 AI4D9 AM2D10 AM2D14G FAM2D75J FAI3D75J FAI4D75J AM3D75J AI4D9J AI3D9J AM2D9J AM3D9J FAM2D4 FAM2D6 FAM3D45J FAM3D55 FAM3D50J
Description 8 MINI MAP,PB/HALO FREE,NIPDAU LF,1.8V(SERIAL EE)
8 ULTRA THIN MINI MAP,PB/HALO FREE,1.8V(SERIAL EE)
Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 1; Comments: High-rugged type; V_CES (V): (max 1200)
Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: standard; Internal
Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: low VF; Internal
10MS, 8 EIAJ, IND TEMP, GREEN, 1.8V(SERIAL EE)
Stepping Motor Driver ICs; Function: Driver; Vopmax (Vm*): 34V (40V); Io (lpeak): 1.5A (1.8A); Excitation: 1/16 step; I/F: CLK input; Mixed Decay Mode: included; Package: HSOP36; RoHS Compatible: yes
250NS,32LCC,883C; LEV B FULLY COMPLIANT(EEPROM)
Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(N); Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600)
Discrete IGBTs; Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600)
Discrete IGBTs; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; No Of Circuits: New product; Comments: 2.9; V_CES (V): (max 400)
Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min -0.6) (max -1.1); R DS
Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 0.5) (max 1.2); R DS
Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 1.1) (max 1.8); R DS
Dual/Quad Zero-Drift Operational Amplifiers; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C
10MS, DIE, 1.8V, 11 MILS THICKNESS(SERIAL EE)
General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High current; Part
Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: high breakdown
Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: low VF; Internal
General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: Low-noise; Part
General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High voltage SW; Part
Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50)
Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min 0.6) (max 1.1); R DS On (Ω): 5.2 (max 15); Drain-Source Voltage (V): (max 20); Drain Current (mA): (max 100)
10MS, 8 TSSOP, EXT TEMP, GREEN, 2.7V(SERIAL EE)
10MS, 8 TSSOP, IND TEMP, GREEN, 2.7V(SERIAL EE)
10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE)
DIE/WAFER FORM(EEPROM)
Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: ES6; Number of Pins: 6; V th (V): (min 0.5) (max 1.1); R DS On (Ω): 0.140 (max 0.180) 0.120 (max 0.145); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 500)
High-Frequency Schottky Barrier Diodes; Surface Mount Type: Y; Package: VESM; Number Of Pins: 3; Application Scope: VHF, UHF MIX; V F (V): 0.25; C T (pF): 0.6; V R (V): (max 4); Average Forward Current I_F Max (mA): (max 25)
Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min -0.6) (max -1.1); R DS On (Ω): 18 (max 45); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -100)
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: UF6; Number of Pins: 6; V th (V): (min 0.8) (max 2); R DS On (Ω): 0.33 (max 0.44) 0.23 (max 0.3); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 2000)
Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50)
Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50)
Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 20 (max 40); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -50)
Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min 2) (max 3.5); R DS On (Ω): 0.6 (max 1); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 200)
Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 2.4 (max 4); Drain-Source Voltage (V): (max -30); Drain Current (mA): (max -200)
Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50)
Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -2) (max -3.5); R DS On (Ω): 1.3 (max 2); Drain-Source Voltage (V): (max -60); Drain Current (mA): (max -200)
10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE)
Logic IC 逻辑IC
Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 2; Comments: Non isolation package; V_CES (V): (max 900) 逻辑IC
90NS, VSOP, IND TEMP(EPROM) 逻辑IC
Dual -48V Supply and Fuse Monitor; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 逻辑IC
45NS, SOIC, IND TEMP(EPROM) 逻辑IC
Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min 0.8) (max 1.5); R DS On (Ω): 4 (max 7); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 100) 逻辑IC

File Size 81.95K  /  1 Page  

Maker

Hitachi,Ltd.
Sanyo Denki Co., Ltd.
ZF Electronics, Corp.



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: AI-5195-5
Maker: HAR
Pack: DIP
Stock: 154
Unit price for :
    50: $2.40
  100: $2.28
1000: $2.16

Email: oulindz@gmail.com

Contact us

Homepage
Download [ ]
[ AI3D5 AI3D9 AI3D7 AI3D8 AI3D6 AM2D8 AM2D55J FAM2D5 FAM2D12G FAM2D15J AI3D13G AI4D7 AI4D8 AI4D5 AI4D6 Datasheet PDF Downlaod from Datasheet.HK ]
[AI3D5 AI3D9 AI3D7 AI3D8 AI3D6 AM2D8 AM2D55J FAM2D5 FAM2D12G FAM2D15J AI3D13G AI4D7 AI4D8 AI4D5 AI4D6 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for AI3D5 ]

[ Price & Availability of AI3D5 by FindChips.com ]

 Full text search : 8 MINI MAP,PB/HALO FREE,NIPDAU LF,1.8V(SERIAL EE) 8 ULTRA THIN MINI MAP,PB/HALO FREE,1.8V(SERIAL EE) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 1; Comments: High-rugged type; V_CES (V): (max 1200) Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: standard; Internal Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: low VF; Internal 10MS, 8 EIAJ, IND TEMP, GREEN, 1.8V(SERIAL EE) Stepping Motor Driver ICs; Function: Driver; Vopmax (Vm*): 34V (40V); Io (lpeak): 1.5A (1.8A); Excitation: 1/16 step; I/F: CLK input; Mixed Decay Mode: included; Package: HSOP36; RoHS Compatible: yes 250NS,32LCC,883C; LEV B FULLY COMPLIANT(EEPROM) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(N); Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; No Of Circuits: New product; Comments: 2.9; V_CES (V): (max 400) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min -0.6) (max -1.1); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 0.5) (max 1.2); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 1.1) (max 1.8); R DS Dual/Quad Zero-Drift Operational Amplifiers; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C 10MS, DIE, 1.8V, 11 MILS THICKNESS(SERIAL EE) General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High current; Part Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: high breakdown Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: low VF; Internal General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: Low-noise; Part General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High voltage SW; Part Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min 0.6) (max 1.1); R DS On (Ω): 5.2 (max 15); Drain-Source Voltage (V): (max 20); Drain Current (mA): (max 100) 10MS, 8 TSSOP, EXT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 TSSOP, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE) DIE/WAFER FORM(EEPROM) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: ES6; Number of Pins: 6; V th (V): (min 0.5) (max 1.1); R DS On (Ω): 0.140 (max 0.180) 0.120 (max 0.145); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 500) High-Frequency Schottky Barrier Diodes; Surface Mount Type: Y; Package: VESM; Number Of Pins: 3; Application Scope: VHF, UHF MIX; V F (V): 0.25; C T (pF): 0.6; V R (V): (max 4); Average Forward Current I_F Max (mA): (max 25) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min -0.6) (max -1.1); R DS On (Ω): 18 (max 45); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -100) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: UF6; Number of Pins: 6; V th (V): (min 0.8) (max 2); R DS On (Ω): 0.33 (max 0.44) 0.23 (max 0.3); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 2000) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 20 (max 40); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min 2) (max 3.5); R DS On (Ω): 0.6 (max 1); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 200) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 2.4 (max 4); Drain-Source Voltage (V): (max -30); Drain Current (mA): (max -200) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -2) (max -3.5); R DS On (Ω): 1.3 (max 2); Drain-Source Voltage (V): (max -60); Drain Current (mA): (max -200) 10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) Logic IC 逻辑IC Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 2; Comments: Non isolation package; V_CES (V): (max 900) 逻辑IC 90NS, VSOP, IND TEMP(EPROM) 逻辑IC Dual -48V Supply and Fuse Monitor; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 逻辑IC 45NS, SOIC, IND TEMP(EPROM) 逻辑IC Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min 0.8) (max 1.5); R DS On (Ω): 4 (max 7); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 100) 逻辑IC


 Related Part Number
PART Description Maker
PUMA2U8002I-25 PUMA2U8002I-20 PUMA2U8002M-15 PUMA2 DIE SALE, 1.8V,11MIL(SERIAL EE)
x32 EPROM Module
10MS, DIE, 2.7V, 11 MILS THICKNESS(SERIAL EE)
8-TSSOP, PB/HALO FREE,NiPdAu, 1.8V(SERIAL EE)
8 TSSOP, PB/HALO FREE, IND TEMP, 1.8V(SERIAL EE) X32号存储器模块
8-SAP,PB/HALO FREE,IND TEMP,2.7V(SERIAL EE) X32号存储器模块
NXP Semiconductors N.V.
Amphenol, Corp.
PUMA2U1000M-15 PUMA2U1000M-20 PUMA2U1000I-17 PUMA2 8 SOIC, PB/HALO FREE, 1.8V(SERIAL EE)
10MS, 8 SOIC, IND TEMP, 2.7V(SERIAL EE)
5 TSOT23, PB/HALO FREE, IND. 1.8V(SERIAL EE)
x32 EPROM Module X32号存储器模块
OSRAM GmbH
DS9106L-WH DS9106L-YL DS9106L-BL DS9106L-GN DS9106 iButton Halo
MAXIM - Dallas Semiconductor
AM6073 8 SOIC, PB/HALO FREE, NIPDAU, 1.7V(SERIAL EE)
Power-One, Inc.
AT93C46D08 AT93C46D-PU AT93C46D-TH-B AT93C46DU3-UU 8 TSSOP, PB/HALO FREE, 1.8V(SERIAL EE) 64 X 16 3-WIRE SERIAL EEPROM, PDSO8
8 SOIC, PB/HALO FREE,1.8V(SERIAL EE) 64 X 16 3-WIRE SERIAL EEPROM, PDSO8
Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
Atmel, Corp.
http://
聚兴科技股份有限公司
ATMEL Corporation
LA5618 System Regulators: Dual-tracking power supply for mini- and mini-mini-components
Multi-System Power Supply for Audio Equipment
Sanyo Semicon Device
EP945875W 8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
PCA ELECTRONICS INC.
88753-8102 0887538102 USB On-The-Go (OTG) Shielded I/O Cable Assembly, Mini A-to-Mini B, USB 2.0, 0.80m (2.62) Length, Black
Molex Electronics Ltd.
88753-8502 0887538502 USB On-The-Go (OTG) Shielded I/O Cable Assembly, Mini A-to-Mini B, USB 2.0, 1.80m (5.91) Length, Black
Molex Electronics Ltd.
2202504-7 2202507-4 2202504-2 2202504-6 2202509-4 Mini Serial Attached SCSI (Mini–SAS HD) High Density Cable Assemblies
Mini Serial Attached SCSI (Mini–SAS HD) High Density Connectors
Tyco Electronics
 
 Related keyword From Full Text Search System
AI3D5 mosfet AI3D5 Regulators AI3D5 port AI3D5 Differential AI3D5 alldatasheet
AI3D5 ultra AI3D5 gaas AI3D5 quad op amp AI3D5 Converter AI3D5 Specification of
 

 

Price & Availability of AI3D5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.27856683731079