PART |
Description |
Maker |
VTC5765A |
VTC-5765A Pulsed Coupled Cavity TWT
|
Communications & Power Industries, Inc.
|
VTC5762A |
VTC-5762A Pulsed Coupled Cavity TWT
|
Communications & Power Industries, Inc.
|
VTU5790C |
Pulsed Coupled Cavity TWT
|
Communications & Power Industries, Inc.
|
VTU5790A |
Pulsed Coupled Cavity TWT
|
Communications & Power Industries, Inc.
|
VTC-6164H4 |
VTC-6161H4, 75 W, C-Band Helix TWT
|
Communications & Power Industries, Inc.
|
PH1214-20EL |
Radar Pulsed Power Transistor, 20W, 2ms Pulse, 10% Duty 1.2 - 1.4 GHz Radar Pulsed Poewr Transistor20W 雷达脉冲Poewr晶体管,20
|
Tyco Electronics Rhopoint Components, Ltd.
|
MDS150 |
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz MODE-S, 1030/1090 MHz, Class C, Common Base, Pulsed ; P(out) (W): 150; P(in) (W): 20; Gain (dB): 10; Vcc (V): 50; Pulse Width (µsec): 128; Duty Cycle (%): 2; Case Style: 55AW-1 L BAND, Si, NPN, RF POWER TRANSISTOR
|
Microsemi Corporation Microsemi, Corp.
|
IS610 IS611X IS610X IS611 |
PHOTON COUPLED BILATERAL ANALOG FET Photo Coupled Bilateral Analog FET(标准6脚,输出击穿电压±30V的光隔离器(由红外发光二极管 双向对称光检测器组成
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. Isocom Components
|
PS7122A-1C PS7122AL-1C PS7122AL-1C-E3 PS7122AL-1C- |
Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器 CAP 10000UF 80V ELECT THA SERIES 8-PIN DIP / 250 V BREAK DOWN VOLTAGE / TRANSFER TYPE 2-ch Optical Coupled MOS FET 8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET 8-PIN DIP 250 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
TPR1000 |
Transponder/ 1090 MHz, Class C, Common Base, Pulsed; P(out) (W): 1000; P(in) (W): 250; Gain (dB): 6; Vcc (V): 50; Pulse Width (µsec): 10; Duty Cycle (%): 1; Case Style: 55KV-1 L BAND, Si, NPN, RF POWER TRANSISTOR 1000 Watts, 45 Volts, Pulsed Avionics 1090 MHz high power COMMON BASE bipolar transistor.
|
Microsemi, Corp. ETC[ETC] GHZTECH[GHz Technology] List of Unclassifed Manufacturers
|
NDL7564P NDL7103 NDL7113 NDL7153 NDL7163 NDL7502P |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION InGaAsP的应变量子阱的DC -异质结脉冲激光二极管模块1310 OTDR的应 InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
|
NEC, Corp. NEC Corp. NEC[NEC]
|