Part Number Hot Search : 
CS433408 N3292X BYV29 AN79M07 ZMM5253 L9107 WSR5RDEK CE04011
Product Description
Full Text Search
  cavity Datasheet PDF File

For cavity Found Datasheets File :: 4057    Search Time::1.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SOURIAU INC
Part No. SMS36PD3
OCR Text ... 24 25.1 23.6 46.6 49.1 contact cavity discrimination cavity contact cavity discrimination cavity e d a c b ?3.60 contact cavity discrimination cavity contact cavity discrimination cavity d a b ?3.60 part numbers number of contact cavities...
Description 36 CONTACT(S), FEMALE/MALE, COMBINATION LINE CONNECTOR, PLUG

File Size 465.89K  /  1 Page

View it Online

Download Datasheet





    AN-0004

ANADIGICS, Inc
Part No. AN-0004
OCR Text ... symbol size (in.) size (mm) cavity bottom hole diameter d1 0.059 +0.004, -0.000 1.5 0.1 diameter d 0.059 +0.004, -0.000 1.5 0.1 pitch p0 0.157 0.004 4.0 0.1 perforation position e 0.069 0.004 1.75 ...
Description TAPE DIMENSIONS 12 mm Tape

File Size 61.91K  /  6 Page

View it Online

Download Datasheet

    MSB709

Weitron Technology
Part No. MSB709
OCR Text ...nductive tape provides a secure cavity for the product when sealed with the peelCback cover tape. ? two reel sizes available (7"and 13",) ? used for automatic pick and place feed systems ? minimizes product handling ? eia 481, C1, C2 ? sotC...
Description PNP General Purpose Transistors

File Size 283.37K  /  6 Page

View it Online

Download Datasheet

    MMPQ2222

ON SEMICONDUCTOR
Part No. MMPQ2222
OCR Text ...nductive tape provides a secure cavity for the product when sealed with the apeelbacko cover tape. w two reel sizes available (7 , and 13 , ) w used for automatic pick and place feed systems w minimizes product handling w eia 481, 1, 2 w s...
Description 500 mA, 30 V, 4 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR

File Size 226.34K  /  22 Page

View it Online

Download Datasheet

    Daewoo
Part No. KOG-6C175S KOG-6C075S12
OCR Text ...guide or transmission line, and cavity for proper align- ment, integrity, and connections. (d) any defective or misadjusted components in the interlock, monitor, door seal, and microwave generation and transmission systems shall be repaired...
Description Microwave Oven Service Manual

File Size 871.89K  /  32 Page

View it Online

Download Datasheet

    BKAE1A234MAA30101FO BKAE1A234MAA40101FO BKAF1A234MAA30101FO BKAF1A234MAB30001FO BKAF1A234MAA30001FO BKAD1A234MAA30101FO

ITT Industries
Part No. BKAE1A234MAA30101FO BKAE1A234MAA40101FO BKAF1A234MAA30101FO BKAF1A234MAB30001FO BKAF1A234MAA30001FO BKAD1A234MAA30101FO BKAD1A234MAA30001FO BKAD1A234MAB30001FO BKAE3A234MAA40001FO
OCR Text ...out shell size shell size shell cavity identification shell cavity identification ref. arinc characteristic ref. arinc characteristic connector layout note: all layouts with "open' insert cavity are not supplied with an insulator. if a bla...
Description Military/Aerospace

File Size 8,581.78K  /  386 Page

View it Online

Download Datasheet

    966140

Tyco Electronics
Part No. 966140
OCR Text ...g 13.6g 5 16.0g 6 18.3g 7 18.3g cavity numbering kammerbezeichnung coding kodierung f e -0.25 d -0.2 c b a#0.2 n positions polzahl 11.5 13.5 17.5 20 5 13.5 1 6 16.5 18.5 22.5 25 10 18.5 2 9 21.5 23.5 27.5 30 15 23.5 3 12 b grooves nuten a...
Description TAB HEADER, 2.8X0.8, 6-21POS MESSERLEISTE, 2.8X0.8, 6-21POL

File Size 618.32K  /  1 Page

View it Online

Download Datasheet

    SAMTEC INC
Part No. QEM8-020-05.0-DV-03
OCR Text ...' 'j' "c" "c" "l" "l" 'g' c2 c3 cavity id (see note 3 & 4) c l c l a a s/s bow 0.06 a 0.328 15 1.49 0.91 0.751 1.800 detail 'a' scale 5 : 1 qem8-xxx-xx.x-dv-xx no of positions -020 (per row) lead style -02.0 = 2mm -05.0 = 5mm row speci...
Description 40 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT

File Size 402.36K  /  4 Page

View it Online

Download Datasheet

    NDBA116T

NICHIA CORPORATION
Part No. NDBA116T
OCR Text cavity ndba116t test sample features ? for external cavity laser with low reflection coa ting on front facet ? optical output power: 30mw (pulse) ? can type: 5.6 mm floating mounted with photo diode and zener dio...
Description Blue Laser Diode for External cavity

File Size 184.26K  /  3 Page

View it Online

Download Datasheet

For cavity Found Datasheets File :: 4057    Search Time::1.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of cavity

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.6082150936127