PART |
Description |
Maker |
FFPF06U20DP FFPF06U20DPTU |
Ultrafast with soft recovery FAST RECOVERY POWER RECTIFIER 6A/200V Ultra Fast Recovery Rectifiers
|
FAIRCHILD[Fairchild Semiconductor]
|
SD103NSERIES 2610 SD103N SD103N16S15PV SD103N25S20 |
1200V Fast Recovery Diode in a DO-205AC (DO-30) package 2500V Fast Recovery Diode in a DO-205AC (DO-30) package 1600V Fast Recovery Diode in a DO-205AC (DO-30) package From old datasheet system FAST RECOVERY DIODES Stud Version
|
International Rectifier
|
MUR110 MUR110S MUR120 MUR120S MUR140S MUR160S MUR1 |
Super Fast Recovery Pack: DO-15 Super Fast Recovery Pack: DO-41 Ultra Fast Recovery Pack: DO-41 ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER Voltage: 50 to 1000V Current: 1.0A
|
Gulf Semiconductor
|
8EWF06STRR 8EWF06STRL 8EWF 8EWF02STRL 8EWF02STRR 8 |
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE 600V Fast Recovery Diode in a D-Pak package 400V Fast Recovery Diode in a D-Pak package 200V Fast Recovery Diode in a D-Pak package SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE 软恢复二极管表面贴装快 8 A, 400 V, SILICON, RECTIFIER DIODE, TO-252AA
|
IRF[International Rectifier] International Rectifier, Corp. VISHAY SEMICONDUCTORS
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
SD203R25S20PV SD203N SD203N04S10MBC SD203N04S10MBV |
1200V Fast Recovery Diode in a DO-205AB (DO-9) package 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V Fast Recovery Diode in a DO-205AB (DO-9) package XSTR FET-N DEPL 500V 1K TO243 SEMICONDUCTOR DEVICE, TRANSISTOR, P-CHANNEL MOSFET (SOT-89) XSTR M N 100V 1.5R 3.0A ,IC, HIGH VOLT EL DRIVER, SO-8 DIODE SCHOTTKY 40V/1A SS14 SMA 快速恢复二极管螺柱版本 TRANSISTOR, DN2540 N-FET S 快速恢复二极管螺柱版本 FAST RECOVERY DIODES Stud Version 快速恢复二极管螺柱版本
|
IRF[International Rectifier] International Rectifier, Corp.
|
RU4AJG |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 800V CURRENT:3.0A
|
Gulf Semiconductor
|
DH60-18A DH60-14A DH60-16A |
Fast Recovery Discrete Diodes From old datasheet system Fast Recovery Diode SONIC-FRD series
|
IXYS[IXYS Corporation]
|
FR101G FR102G FR103G FR104G FR105G FR106G FR107G |
Fast Recovery Pack: DO-41 FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
|
Gulf Semiconductor
|
TFR7H |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|