PART |
Description |
Maker |
NCV86603D33R2G NCV86603DT50RKG NCV86604D50R2G NCV8 |
3.3 V / 150 mA Very Low Quiescent Current LDO w/ Reset, Delay Reset Select (16 ms / 64 ms) FIXED POSITIVE LDO REGULATOR, PDSO8 Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
|
ON Semiconductor
|
NCV8501 NCV8501D33G NCV8501DADJ NCV8501D100 NCV850 |
Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG 3.3 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO8 Micropower 150 mA LDO Linear Regulators with ENABLE / DELAY / RESET / and Monitor FLAG
|
可调正电压单路输出LDO稳压 ONSEMI[ON Semiconductor]
|
NCV8769 |
Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
|
ON Semiconductor
|
NCV4279A50D2R2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ON Semiconductor
|
MAX6329 MAX6329WL MAX6349ZP MAX6329SH MAX6329SL MA |
1.8 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit 2.5 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.36 V DROPOUT, PDSO6 Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 1.45-W Mono Class-D Audio Amplifier with 1.8V Compatible Shutdown Voltage (TPA2006) 8-SON -40 to 85 "150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
NCV8501DWADJ NCV8501DWADJR2 |
Micropower 150 mA LDO linear regulator with ENABLE, DELAY, RESET and monitor FLAG. Output voltage adjustable
|
ON Semiconductor
|
NCV8502_07 NCV8502 NCV8502D100 NCV8502D100G NCV850 |
Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
|
ONSEMI[ON Semiconductor]
|
3602-12-72 3650-12-52 3650-05-92 3660-05-92 3660-1 |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
|
Bivar, Inc. Pomona Electronics Xicon Passive Components
|
MAX6469TA15BD3 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, DSO8
|
Maxim Integrated Products, Inc.
|
MAX4837 MAX4836 MAX4836-MAX4837 MAX4837EUT MAX4837 |
3.3 V, reset timeout: 1800 ms, 500 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 225 ms, 500 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 30 ms, 500 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 3.75 ms, 500 mA LDO linear regulator with current-limiting switch 3.3 V, 500 mA LDO linear regulator with current-limiting switch 500mA LDO Linear Regulators with Current-Limiting Switch From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products
|
BD4269FJ-CE2 BD4269EFJ-C BD4269EFJ-CE2 |
5V LDO Regulator with 2ch RESET 300mA Output LDO Regulator with 2ch RESET
|
ROHM
|