PART |
Description |
Maker |
12H1601-2R 24H1601-2R 48H1601-2R 24H2320-2 48H3040 |
50WattDC-DCConverters Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:3; Features:Aluminium Foil/Polyester Tape; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:5; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:4; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:5; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:4; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes CAP, 100PF 50V 10% X7R, 0603 SMD,CAP,CERA,0.01UF,0603 50V, X7R, 10% Paired, Cable, Number Of Pairs 2 RoHS Compliant: Yes 50瓦的DC - DC转换 50 Watt DC-DC Converters 50瓦的DC - DC转换 Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Unshielded; Impedance:72ohm; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
|
http:// POWER-ONE[Power-One] Jameco Electronics
|
BYT42 BYT42A BYT42B BYT42D BYT42G BYT42J BYT42K BY |
Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Fast Soft Recovery Rectifier From old datasheet system Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyethylene; Number of Pairs:1; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes
|
Vishay Telefunken VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
111-99-304 111-99-306 111-99-312 111-99-314 111-99 |
Shielded Paired Cable; Number of Conductors:20; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:10; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Dual-in-line sockets for multilayer PCB Open frame Solder tail 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:18; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Number of Conductors:50; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:25; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Green; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:12.5; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Features:Aluminium Foil/Tinned Copper Braid; Impedance:70ohm RoHS Compliant: Yes CABLE, COAX, 3075, 1, SPC, 95, TFL, 0.100,(924391), ROHS MC 1,5/15-GF-3,5 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Light Blue; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:White; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:16; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:8; Features:Aluminium Foil/Tinned Copper Braid; Impedance:70ohm RoHS Compliant: Yes MC 1,5/18-GF-3.5 MC 1,5/16-GF-3,5 Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:14; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:7; Features:Aluminium Foil/Tinned Copper Braid; Impedance:70ohm RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Gray; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Purple; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
T435-600B T435-600BTR T435-600H T435-600HTR T435-6 |
4A TRIACS 4A双向可控 Fuses, Medium blow cartridge type A双向可控 4A TRIACS A双向可控 High-Flex Thin DeviceBus Paired Cable; Number of Conductors:4; Conductor Size AWG:24-22; No. Strands x Strand Size:154 x 44, 105 x 44; Jacket Material:Thermoplastic Elastomer High-Flex Thick DeviceBus Paired Cable; Number of Conductors:4; Conductor Size AWG:18-15; No. Strands x Strand Size:65 x 33, 65 x 36; Jacket Material:Thermoplastic Elastomer New Generation Twisted Paired Multiconductor Audio Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape CONNECTOR ACCESSORY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
12IMR25-051515-2 12IMR40-051515-2 24IMR25-051515-2 |
25...40WattDC-DCConverters 1-OUTPUT 40 W DC-DC REG PWR SUPPLY MODULE Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:90 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Jacket Color:Natural RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.3pF/ft; Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes 25...40 Watt DC-DC Converters
|
Power-One, Inc. POWER-ONE[Power-One]
|
LP62S16512-T LP62S16512U-55LLT LP62S16512U-70LLT A |
Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Impedance:75ohm; Voltage Nom.:600V RoHS Compliant: Yes 12k × 16位低电压CMOSSRAM CABLE, 9502, 2PAIR, 30.5M; Cores, No. of:4; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:5.64m; Material, secondary insulation:PVC; Length, Reel (Imperial):100ft; Colour, secondary insulation:Chrome; RoHS Compliant: Yes 512K X 16 BIT LOW VOLTAGE CMOS SRAM
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
1002 1003 1000 1001 |
Pulse Transformers of Pairs:18; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:100ohm RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:20; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:10 RoHS Compliant: Yes
|
CANDD[C&D Technologies]
|
VB029SP 6060 VB029 VB029_011Y VB029_012Y VB029011Y |
Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Voltage Nom.:600V RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Pink; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes From old datasheet system HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
MC12U256HBFA-0QC00 MC1GU032HCYA-0QC00 MC1GU016HCFB |
CABLE, 9505, 5PAIR, 30.5M; Cores, No. of:10; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:7.34mm; Material, secondary insulation:PVC; Length, Reel (Imperial):100ft; Colour, secondary insulation:Chrome; RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1 RoHS Compliant: Yes CABLE, 9506, 6PAIR, PER M; Cores, No. of:12; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:7.34mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:5476C RoHS Compliant: Yes AC MEXICO Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:5; Impedance:75ohm; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Film Capacitor; Capacitor Type:Motor Start/Motor Run; Voltage Rating:370VAC; Capacitor Dielectric Material:Polypropylene; Capacitance:3uF; Capacitance Tolerance: 10%; Lead Pitch:20.6mm; Leaded Process Compatible:Yes; Series:MPF RoHS Compliant: Yes Film Capacitor; Capacitor Type:Motor Start/Motor Run; Voltage Rating:370VAC; Capacitor Dielectric Material:Polypropylene; Capacitance:4uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.64mm; Package/Case:32; Series:MPF The HFC-S mini is not recommended for new projects. Please use XHFC-1SU instead. 多媒体卡规格 MultiMediaCard Specification 多媒体卡规格 MultiMediaCard Specification
|
http:// SAMSUNG SEMICONDUCTOR CO. LTD. Cologne Chip Samsung Semiconductor Co., Ltd.
|
116-93-964-41-006 116-93-210-41-006 116-93-304-41- |
Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Multiconductor Cable; Number of Conductors:19; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Dual-in-line sockets interconnect Open frame Solder tail 双列直插式插座互连开放框架焊 9#18 FEP SH FEP RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Audio control and Instrumentaion Cable, Plenum; Conductor Size AWG:18; Jacket Material:FEP Teflon; Conductor Material:Copper; Jacket Color:Red; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Red RoHS Compliant: Yes Cable/Wire, Multiconductor Cable, Power Electronic Cable, 9 Conductors, 20AWG, FEP Insulation, Red, 200 C, 600 V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Features:Aluminium Foil/Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 2#16 FEP SH FEP RoHS Compliant: Yes Shielded Multiconductor Audio, Control and Instrumentation Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Shielding Material:Aluminum Foil/Tinned Copper Braid RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Red RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
UPD43256BGW-A12X-9JL UPD43256BGW-A10X-9JL UPD43256 |
Shielded Paired Cable; Number of Conductors:100; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:50; Impedance:75ohm; Voltage Nom.:300V RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Brown; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes SERVSWITCH DVI KVM CABLE 3 256K位CMOS静态RAM 32K的字8位扩展工作温 32K X 8 STANDARD SRAM, 85 ns, PDSO28
|
NEC Corp.
|