PART |
Description |
Maker |
HS-1135RH 5962F9676701VPC HS7-1135RH/PROTO HS7-113 |
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting Radiation Hardened/ High Speed/ Low Power Current Feedback Amplifier with Programmable Output Limiting Operational Amplifier CONNECTOR ACCESSORY 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Op Amp, High Speed, Current Feedback, 360MHz, Slew Rate 1200V/s, Rad-Hard
|
Intersil Corporation Intersil, Corp.
|
OP-260ARC/883 OP-260 OP260 OP-260GS OP-260GP OP-26 |
AC 9C 6#12 3#8 SKT RECP WALL DUAL OP-AMP, 6000 uV OFFSET-MAX, 90 MHz BAND WIDTH, CQCC20 Dual High Speed,Current Feedback, OP AMP(高电流反馈双运算放大器) DUAL / HIGH-SPEED / CURRENT FEEDBACK / OPERATIONAL AMPLIFIER DUAL, HIGH-SPEED, CURRENT FEEDBACK, OPERATIONAL AMPLIFIER
|
Analog Devices, Inc.
|
OP42 OP-42GS OP-42 OP-42AJ OP-42ARC_883 OP-42AZ OP |
High Speed, Fast Setting Precision Operational Amplifier High Speed, Fast Settling Precision Operational Amplitier High Speed, Fast Settling Precision Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: TBD OP-AMP, 6000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 High Speed, Fast Settling Precision Operational Amplifier; Package: LCC; No of Pins: 20; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed, Fast Settling Precision Operational Amplifier; Package: CerDIP; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CDIP8 High Speed, Fast Settling Precision Operational Amplifier; Package: Header; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, MBCY8 HIGH SPEED / FAST SETTLING PRECISION OPERATIONAL AMPLIFIER ER 8C 8#12 PIN RECP WALL OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed Fast Settling Precision Operational Amplifier(596.41 k) 高速精密快速沉降运算放大器96.41十一
|
Analog Devices, Inc. AD[Analog Devices]
|
LT1192_01 LT1192 LT1192CJ8 LT1192CN8 LT1192CS8 LT1 |
Ultra High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C VIDEO AMPLIFIER, PDSO8 Ultrahigh Speed Operational Amplifier
|
Linear Technology, Corp. LINER[Linear Technology] http://
|
29W040 M29W040 M29W040-120K5TR M29W040-100K5TR M29 |
4 Mbit 512Kb x8 / Uniform Block Low Voltage Single Supply Flash Memory Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-SOIC Dual Low-Noise High-Speed Precision Operational Amplifier 8-SOIC High Speed High Drive Precision Operational Amplifier 8-CDIP -55 to 125 Excalibur Low-Noise High-Speed Precision Dual Operational Amplifier 8-SOIC High Speed High Drive Precision Dual Operational Amplifier 8-CDIP -55 to 125 ; Capacitance:180pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:300V; Package/Case:1210; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount High Speed High Drive Precision Dual Operational Amplifier 20-LCCC -55 to 125 4兆位512KB的8,统一座低电压单电源闪 CAP RF 2.0PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory 4兆位512KB的8,统一座低电压单电源闪 CAP RF 27PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 1.8PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 24PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 22PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 High Speed High Drive Precision Dual Operational Amplifier 8-SOIC CAP RF 1.0PF 250V 0603 SMD Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 0 to 70 Dual Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 512K X 8 FLASH 3V PROM, 150 ns, PQCC32 512K X 8 FLASH 3V PROM, 200 ns, PDSO32 512K X 8 FLASH 3V PROM, 120 ns, PQCC32
|
意法半导 STMicroelectronics N.V.
|
TSH340 TS613ID TSH93 TS613 TS613D TS616 TSH110 TSH |
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT High-speed operational amplifier evaluation board kit
|
STMICROELECTRONICS[STMicroelectronics]
|
OP37 OP37EP OP37AZ OP37GPZ OP37GS OP37GP |
Low Noise, Precision, High Speed tional Amplifier Low Noise, Precision, High Speed Operational Amplifier (A(VCL) >- 5)
|
Analog Devices
|
2SC3803 |
Transistor Silicon NPN Epitaxial Type (PCT process) High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
|
TOSHIBA
|
AD802705 AD8028AR-REEL7 AD8028ARMZ-REEL AD8028ARMZ |
Low Distortion, High Speed Rail-to-Rail Input/Output Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 1 CHANNEL, VIDEO AMPLIFIER, PDSO10 Low Distortion, High Speed Rail-to-Rail Input/Output Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
|
Analog Devices, Inc.
|
AD346SD AD346 AD883B |
High Speed Sample-and-Hold Amplifier 高速采样保持放大器 High Speed Sample and Hold Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
|